Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 18 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 18 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 14Page - Microchip Technology UPD360 Datasheet HTML 15Page - Microchip Technology UPD360 Datasheet HTML 16Page - Microchip Technology UPD360 Datasheet HTML 17Page - Microchip Technology UPD360 Datasheet HTML 18Page - Microchip Technology UPD360 Datasheet HTML 19Page - Microchip Technology UPD360 Datasheet HTML 20Page - Microchip Technology UPD360 Datasheet HTML 21Page - Microchip Technology UPD360 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 221 page
background image
UPD360
DS00002084C-page 18
 2016-2017 Microchip Technology Inc.
Over-Current
Sense
Comparator 2
OCS_COMP2
AI
This pin is used by the integrated OCS comparator to
detect for error conditions.
Note:
Tie this signal to ground when unused.
Refer to Section 8.3, "External Over-current Detection," on
page 39 for additional information.
No Connect
NC
-
For proper operation, this pin must be left unconnected.
Power/Ground
+3.3V
Voltage
Switch
Supply
VSW
P
+3.3V power supply output from the integrated power
switch.
Note:
This pin also provides capacitance for integrated
power switch and must be connected to a 1 uF
(<100 Mohm ESR) capacitor to ground.
+3.3V
VBUS Supply
3V3_VBUS
P
+3.3V power supply input derived from VBUS to the inte-
grated power switch.
Note:
This pin must be connect to a 2.2 uF capacitor
to ground.
+3.3V
Always Supply
3V3_ALW
P
+3.3V main power supply input to the integrated power
switch.
Note:
This pin must be connect to a 2.2 uF capacitor
to ground.
+3.3V I/O
Power Supply
Input
VDD33IO
P
+3.3V I/O power supply input.
+1.8V Digital
Core Power
Supply Capaci-
tor
VDD18_CAP
P
+1.8V digital core power supply capacitor. This signal must
be connected to a 1uF capacitor to ground for proper oper-
ation.
VBUS
Port Power
Switch Output
VBUS
P
Port power switch output.
Note:
Both VBUS signals must be tied together.
+5V
Port Power
Switch Input
VS
P
+5V input to port power switch.
Note:
Both VS signals must be tied together.
Note:
A 1uF capacitor to ground is required on this sig-
nal for a single port configuration. If more than
one port is used, an additional 1uF of capaci-
tance must be added for each additional port.
Ground
VSS
P
Ground pins.
TABLE 3-4:
BALL DESCRIPTIONS (CONTINUED)
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com