Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 68 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 68 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 64Page - Microchip Technology UPD360 Datasheet HTML 65Page - Microchip Technology UPD360 Datasheet HTML 66Page - Microchip Technology UPD360 Datasheet HTML 67Page - Microchip Technology UPD360 Datasheet HTML 68Page - Microchip Technology UPD360 Datasheet HTML 69Page - Microchip Technology UPD360 Datasheet HTML 70Page - Microchip Technology UPD360 Datasheet HTML 71Page - Microchip Technology UPD360 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 221 page
background image
UPD360
DS00002084C-page 68
 2016-2017 Microchip Technology Inc.
9.0
CABLE PLUG ORIENTATION AND DETECTION
This section details the functions that control and monitor the CC pins, monitor the VBUS_DET pin, control the VCONN
FETs, and sample the CFG_SEL0 and CFG_SEL1 pins.
9.1
CC Comparator
The device integrates a comparator and DAC circuit to implement Type-C attach and detach functions. It supports up
to eight programmable thresholds for attach detection between UFP and DFP. When operating as a UFP, the device
supports detecting changes in the DFP’s advertised thresholds to determine current sourcing capability. The default
nominal values for the thresholds detected by the CC comparators are:
• 0.20 V
• 0.40 V
• 0.66 V
• 0.80 V
• 1.23 V
• 1.60 V
• 2.60 V
• 3.0 V Proprietary Mode
TABLE 9-1:
CABLE DETECT SUMMARY
Parameter
Threshold CSR
Description
Min
Typ
Max
DFP_ACT_DEF
CC_THR0
Detecting an active cable when configured
as DFP and advertising default USB current.
0.20 V
UFP_DFP_DEF
CC_THR0
Detecting DFP attach when configured as
UFP and DFP is advertising default USB
current.
0.20 V
DFP_ACT_1A5
CC_THR1
Detecting an active cable when configured
as DFP and advertising 1.5A.
0.40 V
UFP_DFP_1A5
CC_THR2
Detecting DFP attach when configured as
UFP and DFP is advertising 1.5A.
0.66 V
DFP_ACT_3A0
CC_THR3
Detecting an active cable when configured
as DFP and advertising 3.0A.
0.80 V
UFP_DFP_3A0
CC_THR4
Detecting DFP attach when configured as
UFP and DFP is advertising 3.0A.
1.23 V
DFP_UFP_DEF
CC_THR5
Detecting UFP attach when configured as
DFP advertising default USB current.
1.60 V
DFP_UFP_1A5
CC_THR5
Detecting UFP attach when configured as
DFP advertising 1.5A.
1.60 V
DFP_UFP_3A0
CC_THR6
Detecting UFP attach when configured as
DFP advertising 3.0A.
2.60 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com