Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 15 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 15 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 11Page - Microchip Technology UPD360 Datasheet HTML 12Page - Microchip Technology UPD360 Datasheet HTML 13Page - Microchip Technology UPD360 Datasheet HTML 14Page - Microchip Technology UPD360 Datasheet HTML 15Page - Microchip Technology UPD360 Datasheet HTML 16Page - Microchip Technology UPD360 Datasheet HTML 17Page - Microchip Technology UPD360 Datasheet HTML 18Page - Microchip Technology UPD360 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 15
UPD360
Type-C
Attach
ATTACH
O8
In the Standalone UFP and Standalone DFP modes
(UPD360-A/UPD360-B only), this signal indicates that the
USB Type-C receptacles at the near and far end of the
cable both have a plug-in. This pin is autonomously driven
by the device in DFP standalone mode.
0b: Nothing attached
1b: USB Type-C port has an end-end attached
Refer to Section 9.10, "Standalone DFP (UPD360-A/
UPD360-B Only)" and Section 9.11, "Standalone UFP
(UPD360-A/UPD360-B Only)"for additional information.
Note:
Float this signal when unused.
Note:
This signal is not available in the UPD360-C.
Type-C
Orientation
ORIENTATION
O8
In the Standalone UFP and Standalone DFP modes
(UPD360-A/UPD360-B only), this signal is used to indicate
which CC pin is terminated by the attached DFP/UFP and
is autonomously driven by the device in DFP standalone
mode.
DFP:
0b: CC1 pin is terminated by Rd.
1b: CC2 pin is terminated by Rd.
UFP:
0b: CC1 pin is pulled to a higher voltage than CC2.
1b: CC2 pin is pulled to a higher voltage than CC1.
Refer to Section 9.10, "Standalone DFP (UPD360-A/
UPD360-B Only)" and Section 9.11, "Standalone UFP
(UPD360-A/UPD360-B Only)"for additional information.
Note:
Float this signal when unused.
Note:
This signal is not available in the UPD360-C.
Over-current
sense
OCS_N
OD8
In the Standalone DFP mode (UPD360-A/UPD360-B only),
this active-low signal indicates over-current sense. This sig-
nal maps to the PPC_INT interrupt.
Note:
This signal is active-low. Float this signal when
unused.
Note:
This signal is not available in the UPD360-C.
VBUS Power
Enable
PWR_EN
IS
In the Standalone DFP mode (UPD360-A/UPD360-B only),
this signal is used as a port power switch enable for USB
hubs.
Note:
This signal should be tied to the Power Good
signal from the VS supply.
Note:
Tie this signal to ground when unused.
Note:
This signal is not available in the UPD360-C.
TABLE 3-4:
BALL DESCRIPTIONS (CONTINUED)
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com