Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 16 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 16 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 12Page - Microchip Technology UPD360 Datasheet HTML 13Page - Microchip Technology UPD360 Datasheet HTML 14Page - Microchip Technology UPD360 Datasheet HTML 15Page - Microchip Technology UPD360 Datasheet HTML 16Page - Microchip Technology UPD360 Datasheet HTML 17Page - Microchip Technology UPD360 Datasheet HTML 18Page - Microchip Technology UPD360 Datasheet HTML 19Page - Microchip Technology UPD360 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 221 page
background image
UPD360
DS00002084C-page 16
 2016-2017 Microchip Technology Inc.
Power
Capability 0
PWR_CAP0
IS
In the Standalone DFP mode, these signals define the
charging current supported by the device.
00b: USB 2.0 Default Current
01b: USB 3.0 Default Current
10b: 1.5 A
11b: 3.0 A
Note:
It is not valid to change the state of PWR_CAP0
and PWR_CAP1 pins after reset is de-asserted.
Note:
These signals are not available in the UPD360-
C.
Power
Capability 1
PWR_CAP1
IS
Error
Recovery
ERR_RECOVER
IS
In Standalone DFP mode (UPD360-A/UPD360-B only), this
pin determines whether or not the USB Type-C logic shall
attempt to auto-recover from an OCS or other error.
Sources from either the Port Power Switch or VCONN FET.
Note:
This signal is not available in the UPD360-C.
Sink Legacy
Current
SINK_5V_LEGACY_N
OD8
In the Standalone UFP mode (UPD360-A/UPD360-B only),
this pin asserts autonomously when a source has been
detected that provides legacy USB current.
Note:
Float this signal when unused.
Note:
This signal is not available in the UPD360-C.
Sink 1.5A
Current
SINK_5V_1A5_N
OD8
In the Standalone UFP mode (UPD360-A/UPD360-B only),
this pin asserts autonomously when a source has been
detected that provides 1.5A USB current.
Note:
Float this signal when unused.
Note:
This signal is not available in the UPD360-C.
Sink 3A
Current
SINK_5V_3A0_N
OD8
In the Standalone UFP mode (UPD360-A/UPD360-B only),
this pin asserts autonomously when a source has been
detected that provides 3.0A USB current.
Note:
Float this signal when unused.
Note:
This signal is not available in the UPD360-C.
Miscellaneous
Interrupt
IRQ_N
OD8
Active low interrupt signal.
Note:
Float this signal when unused.
VBUS
Detection
VBUS_DET
AIO
Scaled down version of VBUS. Tie this signal to VBUS via a
resistor divider.
Configuration
Select 0
CFG_SEL0
AIO
This multi-level configuration signal is sampled after a sys-
tem reset to select the device’s default mode of operation
based on the connected 1% precision resistor value.
Refer to Section 9.8.1, "Configuration Selection," on
page 81 for additional information.
TABLE 3-4:
BALL DESCRIPTIONS (CONTINUED)
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com