Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 63 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 63 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 59Page - Microchip Technology UPD360 Datasheet HTML 60Page - Microchip Technology UPD360 Datasheet HTML 61Page - Microchip Technology UPD360 Datasheet HTML 62Page - Microchip Technology UPD360 Datasheet HTML 63Page - Microchip Technology UPD360 Datasheet HTML 64Page - Microchip Technology UPD360 Datasheet HTML 65Page - Microchip Technology UPD360 Datasheet HTML 66Page - Microchip Technology UPD360 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 63
UPD360
8.5.35
OCS COMPARATOR CHANGE STATUS REGISTER (OCS_CMP_CHG_STS)
8.5.36
OCS COMPARATOR MATCH ENABLE REGISTER (OCS_CMP_MATCH_EN)
Address:
0082h
Size:
8 bits
Bits
Description
Type
Default
7:6
OCSx Match Valid (OCSx_MATCH_VLD)
Asserts after the OCS debouncer is first enabled, via OCS Comparator Con-
trol, and the first match becomes valid in OCS Comparator Match Register
(OCS_CMP_MATCH).
Bit 7 = OCS2_MATCH_VLD
Bit 6 = OCS1_MATCH_VLD
R/WC
0b
5:2
RESERVED
RO
0h
1:0
OCSx Change Status (OCSx_CHG_STS)
When set, each bit indicates that the respective bit in OCS Comparator Match
Register (OCS_CMP_MATCH) has changed.
Bit 1 = OCS2_CHG_STS
Bit 0 = OCS1_CHG_STS
A write of 1b clears the respective status bit.
R/WC
00b
Address:
0083h
Size:
8 bits
Bits
Description
Type
Default
7:6
OCSx Match Valid Enable (OCSx_MATCH_VLD_EN)
When set, the corresponding bit in OCS Comparator Change Status Register
(OCS_CMP_CHG_STS) can cause the assertion of the OCS_CMP_INT inter-
rupt.
Bit 7 = OCS2_MATCH_VLD_EN
Bit 6 = OCS1_MATCH_VLD_EN
R/W
0b
5:2
RESERVED
RO
0h
1:0
OCSx Comparator Match Enable (OCSx_CMP_MATCH_EN)
When set the corresponding bit in OCS Comparator Change Status Register
(OCS_CMP_CHG_STS) can cause the assertion of the OCS_CMP_INT inter-
rupt.
Bit 1 = OCS2_CMP_MATCH_EN
Bit 0 = OCS1_CMP_MATCH_EN
R/W
00b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com