Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 58 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 58 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 54Page - Microchip Technology UPD360 Datasheet HTML 55Page - Microchip Technology UPD360 Datasheet HTML 56Page - Microchip Technology UPD360 Datasheet HTML 57Page - Microchip Technology UPD360 Datasheet HTML 58Page - Microchip Technology UPD360 Datasheet HTML 59Page - Microchip Technology UPD360 Datasheet HTML 60Page - Microchip Technology UPD360 Datasheet HTML 61Page - Microchip Technology UPD360 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 221 page
background image
UPD360
DS00002084C-page 58
 2016-2017 Microchip Technology Inc.
8.5.23
CONFIGURE PIO OUTPUT REGISTER (CFG_PIO_OUT)
This register enables multiple PIO output values to be updated in a single CSR write.
8.5.24
CONFIGURE PIO OUTPUT UPDATE REGISTER (CFG_PIO_OUT_UPD)
8.5.25
PIO OVERRIDE X OUTPUT ENABLE REGISTERS (PIO_OVRX_OUT_EN)
Address:
0059h
Size:
16 bits
Bits
Description
Type
Default
15:0
CFG_PIO_OUT
When this register is written, the output values for the respective PIOs are
updated. Specifically, the DataOutput in the respective CFG_PIOx registers
are updated.
This register is not updated until the byte located at 005Ah is written by soft-
ware. This is to prevent placing externally driven components in an invalid
state while updating.
R/W
0000h
Address:
005Bh
Size:
16 bits
Bits
Description
Type
Default
15:0
CFG_PIO_OUTx_UPD
R/W
0000h
Address:
x=0: 0060h
x=1: 0062h
x=2: 0064h
x=3: 0066h
Size:
16 bits
Bits
Description
Type
Default
15:0
PIO_OVR_OUT_EN_X
Each of the overrides has an instance of this CSR to indicate which PIO out-
puts are controlled by it. When asserted associated PIO output’s state is con-
trolled by the respective override function.
Note:
The same PIO output can be enabled by multiple overrides.
R/W
0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com