Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 88 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 88 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 84Page - Microchip Technology UPD360 Datasheet HTML 85Page - Microchip Technology UPD360 Datasheet HTML 86Page - Microchip Technology UPD360 Datasheet HTML 87Page - Microchip Technology UPD360 Datasheet HTML 88Page - Microchip Technology UPD360 Datasheet HTML 89Page - Microchip Technology UPD360 Datasheet HTML 90Page - Microchip Technology UPD360 Datasheet HTML 91Page - Microchip Technology UPD360 Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 221 page
background image
UPD360
DS00002084C-page 88
 2016-2017 Microchip Technology Inc.
9.12.2
CC INTERRUPT STATUS REGISTER (CC_INT_STS)
Address:
0803h
Size:
16 bits
Bits
Description
Type
Default
7
CC_MATCH_VLD
Asserts after the CC debouncer is first enabled, via CC Comparator Control,
and the first match becomes valid in CCx Match Registers (CCx_MATCH).
R/WC
0b
6
RP_CHG
When operating as a standalone UFP, this interrupt indicates a change in the
state of the RP value advertised by the DFP has been detected (UPD360-A/
UPD360-B only).
Note:
This bit is RO when the device is not configured as a standalone
UFP and will always read back 0b.
Note:
The source of this input is a pulse and does not persist after being
cleared.
Note:
The updated current advertisement is available via the DFP Cur-
rent Advertisement field in the CC Control Register (CC_CTL).
R/WC
0b
5
DETACH
Indicates a detach event has occurred when the device has been configured
to support standalone mode per the Standalone Operation field in the CC
Control Register (CC_CTL) (UPD360-A/UPD360-B only).
DFP Operation: CC pins are monitored for detecting a detach.
UFP Operation: VBUS is monitored for detecting a detach.
Note:
The source of this input is a pulse and does not persist after being
cleared.
R/WC
0b
4
ATTACH
Indicates an attach event has occurred when the device has been configured
to support standalone mode per the Standalone Operation field in the CC
Control Register (CC_CTL) (UPD360-A/UPD360-B only).
DFP Operation: CC pins are monitored for an attach.
UFP Operation: CC pins and VBUS are monitored for an attach.
Note:
The source of this input is a pulse and does not persist after being
cleared.
R/WC
0b
3:2
RESERVED
RO
-
1
CC2_MATCH_CHG
Indicates the a change occurred in the state of the respective CCx Change
Status Registers (CCx_CHG_STS).
Note:
The source of this input is a pulse and does not persist after being
cleared.
RO
0b
0
CC1_MATCH_CHG
Indicates the a change occurred in the state of the respective CCx Change
Status Registers (CCx_CHG_STS).
Note:
The source of this input is a pulse and does not persist after being
cleared.
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com