Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 43 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 43 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 39Page - Microchip Technology UPD360 Datasheet HTML 40Page - Microchip Technology UPD360 Datasheet HTML 41Page - Microchip Technology UPD360 Datasheet HTML 42Page - Microchip Technology UPD360 Datasheet HTML 43Page - Microchip Technology UPD360 Datasheet HTML 44Page - Microchip Technology UPD360 Datasheet HTML 45Page - Microchip Technology UPD360 Datasheet HTML 46Page - Microchip Technology UPD360 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 43
UPD360
8.5.1
DEVICE ID REGISTER (ID_REV)
Note 8-1
The default value of this field is dependent on the silicon revision of the device.
ID_REV[7:0] = 00h
ID_REV[15:8] = 01h
ID_REV[23:16] = 02h
ID_REV[31:24] = 03h
8.5.2
USB VENDOR ID REGISTER (VID)
VID[7:0] = 04h
VID[15:8] = 05h
8.5.3
USB PRODUCT ID REGISTER (PID)
PID[7:0] = 06h
PID[15:8] = 07h
00A0h
General Purpose Timer Load Register (GP_TIMER_LOAD)
00A2h
General Purpose Timer Interrupt Source Register (GP_TIMER_INT_SRC)
00A3h
General Purpose Timer Control Register (GP_TIMER_CTL)
00A4h
General Purpose Timer Count Register (GP_TIMER_COUNT)
00A6h – 03FFh
Reserved for future expansion
Note:
RESERVED address space must not be written under any circumstances. Failure to heed this warn-
ing may result in untoward operation and unexpected results.
Address:
0000h
Size:
32 bits
Bits
Description
Type
Default
31:16
Device ID (ID)
RO
0360h
15:0
Device Revision (REV)
RO
Note 8-1
Address:
0004h
Size:
16 bits
Bits
Description
Type
Default
15:0
USB Vendor Identification (VID)
R/W
0424h
Address:
0006h
Size:
16 bits
Bits
Description
Type
Default
15:0
USB Product Identification (PID)
R/W
0360h
TABLE 8-1:
SYSTEM CONTROL REGISTER MAP (CONTINUED)
Address
Register Name (Symbol)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com