Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 48 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 48 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 44Page - Microchip Technology UPD360 Datasheet HTML 45Page - Microchip Technology UPD360 Datasheet HTML 46Page - Microchip Technology UPD360 Datasheet HTML 47Page - Microchip Technology UPD360 Datasheet HTML 48Page - Microchip Technology UPD360 Datasheet HTML 49Page - Microchip Technology UPD360 Datasheet HTML 50Page - Microchip Technology UPD360 Datasheet HTML 51Page - Microchip Technology UPD360 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 221 page
background image
UPD360
DS00002084C-page 48
 2016-2017 Microchip Technology Inc.
8.5.9
HARDWARE CONTROL REGISTER (HW_CTL)
8.5.10
I2C SLAVE ADDRESS REGISTER (I2C_ADDR) (UPD360-A/UPD360-B ONLY)
Note 8-2
The default value for this register is defined by the CFG_SEL1 pin.
Address:
0018h
Size:
16 bits
Bits
Description
Type
Default
15:6
RESERVED
RO
-
5
I2C_GEN_CALL_EN
0: I2C General Call address not supported.
1: I2C General Call address supported.
R/W
0b
4
RESERVED
RO
-
3
I2C FMPLUS
When set, this bit configures the I2C interface to operate in fast-mode plus
mode.
Note:
UPD360-A/UPD360-B only.
R/W
1b
2
DEV_READY
When set, this bit indicates that the device has been fully configured after a
system level reset event.
R/SC
0b
1
PIO_UPD_REQ
When this bit is set, the PIO registers are updated from the respective
simultaneous update registers.
After the operation completes, this bit is automatically cleared.
The request will not be accepted if an override function is pending. After the
override condition is cleared by software, the update request will be
accepted. The override is cleared via respective bit of PIO Override Enable
Register (PIO_OVR_EN).
R/SC
0b
0
SRESET
Software reset. When set this bit initiates a chip level reset.
SC
0b
Address:
001Ah
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
-
6:0
I2C Slave Address
Defines the slave address used by the I2C controller.
R/W
Note 8-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com