Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 41 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 41 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 37Page - Microchip Technology UPD360 Datasheet HTML 38Page - Microchip Technology UPD360 Datasheet HTML 39Page - Microchip Technology UPD360 Datasheet HTML 40Page - Microchip Technology UPD360 Datasheet HTML 41Page - Microchip Technology UPD360 Datasheet HTML 42Page - Microchip Technology UPD360 Datasheet HTML 43Page - Microchip Technology UPD360 Datasheet HTML 44Page - Microchip Technology UPD360 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 41
UPD360
8.5
System Control Registers
This section details the system control registers. For an overview of the entire device register map, refer to Section 4.0,
"Register Map," on page 19.
TABLE 8-1:
SYSTEM CONTROL REGISTER MAP
Address
Register Name (Symbol)
0000h
Device ID Register (ID_REV)
0004h
USB Vendor ID Register (VID)
0006h
USB Product ID Register (PID)
0008h
USB PD Revision Register (PD_REV)
000Ah
USB Type-C™ Revision Register (C_REV)
000Bh - 000Dh
Reserved for future expansion
000Eh
SPI Test Register (SPI_TEST) (UPD360-C Only)
0010h
Interrupt Status Register (INT_STS)
0014h
Interrupt Enable Register (INT_EN)
0018h
Hardware Control Register (HW_CTL)
001Ah
I2C Slave Address Register (I2C_ADDR) (UPD360-A/UPD360-B Only)
001Bh
PPC Status Register (PPC_BUSY)
001Ch - 001Fh
Reserved for future expansion
0020h
PIO Status Register (PIO_STS)
0022h
PIO Interrupt Status Register (PIO_INT_STS)
0024h
PIO Interrupt Enable Register (PIO_INT_EN)
0026h - 002Fh
Reserved for future expansion
0030h
Configure PIOx Registers (CFG_PIOx) x=0
0031h
Configure PIOx Registers (CFG_PIOx) x=1
0032h
Configure PIOx Registers (CFG_PIOx) x=2
0033h
Configure PIOx Registers (CFG_PIOx) x=3
0034h
Configure PIOx Registers (CFG_PIOx) x=4
0035h
Configure PIOx Registers (CFG_PIOx) x=5
0036h
Configure PIOx Registers (CFG_PIOx) x=6
0037h
Configure PIOx Registers (CFG_PIOx) x=7
0038h
Configure PIOx Registers (CFG_PIOx) x=8
0039h
Configure PIOx Registers (CFG_PIOx) x=9
003Ah
Configure PIOx Registers (CFG_PIOx) x=10
003Bh
Configure PIOx Registers (CFG_PIOx) x=11
003Ch
Configure PIOx Registers (CFG_PIOx) x=12
003Dh
Configure PIOx Registers (CFG_PIOx) x=13
003Eh
Configure PIOx Registers (CFG_PIOx) x=14
003Fh
Configure PIOx Registers (CFG_PIOx) x=15
0040h
Configure PIOx Update Registers (CFG_PIOx_UPD) x=0
0041h
Configure PIOx Update Registers (CFG_PIOx_UPD) x=1
0042h
Configure PIOx Update Registers (CFG_PIOx_UPD) x=2
0043h
Configure PIOx Update Registers (CFG_PIOx_UPD) x=3
0044h
Configure PIOx Update Registers (CFG_PIOx_UPD) x=4
0045h
Configure PIOx Update Registers (CFG_PIOx_UPD) x=5
0046h
Configure PIOx Update Registers (CFG_PIOx_UPD) x=6
0047h
Configure PIOx Update Registers (CFG_PIOx_UPD) x=7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com