Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 44 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 44 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 40Page - Microchip Technology UPD360 Datasheet HTML 41Page - Microchip Technology UPD360 Datasheet HTML 42Page - Microchip Technology UPD360 Datasheet HTML 43Page - Microchip Technology UPD360 Datasheet HTML 44Page - Microchip Technology UPD360 Datasheet HTML 45Page - Microchip Technology UPD360 Datasheet HTML 46Page - Microchip Technology UPD360 Datasheet HTML 47Page - Microchip Technology UPD360 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 221 page
background image
UPD360
DS00002084C-page 44
 2016-2017 Microchip Technology Inc.
8.5.4
USB PD REVISION REGISTER (PD_REV)
PD_REV[7:0] = 08h
PD_REV[15:8] = 09h
8.5.5
USB TYPE-C™ REVISION REGISTER (C_REV)
C_REV[7:0] = 0Ah
C_REV[15:8] = 0Bh
8.5.6
SPI TEST REGISTER (SPI_TEST) (UPD360-C ONLY)
.
Address:
0008h
Size:
16 bits
Bits
Description
Type
Default
15:0
USB Power Delivery Specification Revision (PD_REV)
R/W
2013h
Address:
000Ah
Size:
16 bits
Bits
Description
Type
Default
15:0
USB Type-C™ Specification Revision (C_REV)
R/W
0011h
Address:
000Eh
Size:
8 bits
Bits
Description
Type
Default
7:0
SPI Test (SPI_TEST)
This register is used by the host to determine when the chip has come out of
powerdown when waking it via the SPI interface.
RO
FDh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com