Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 70 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 70 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 66Page - Microchip Technology UPD360 Datasheet HTML 67Page - Microchip Technology UPD360 Datasheet HTML 68Page - Microchip Technology UPD360 Datasheet HTML 69Page - Microchip Technology UPD360 Datasheet HTML 70Page - Microchip Technology UPD360 Datasheet HTML 71Page - Microchip Technology UPD360 Datasheet HTML 72Page - Microchip Technology UPD360 Datasheet HTML 73Page - Microchip Technology UPD360 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 221 page
background image
UPD360
DS00002084C-page 70
 2016-2017 Microchip Technology Inc.
• CC_THR5 (DFP_UFP_1A5)
The value programmed into CCx Debounce Clear Enable Registers (CCx_DBCLR_EN) and CCx Match Enable Regis-
ters (CCx_MATCH_EN) would therefore be 0x22.
Since the vRd is less than 0.35V no threshold matches would be detected on CCx Match Registers (CCx_MATCH) or
CCx Change Status Registers (CCx_CHG_STS).
DFP: Advertise 3.0 A and connected to UFP
In this scenario the DFP is advertising 3.0 A and connected to a UFP. The vRd value measured will be > 0.85V and <
2.45V.
In this configuration the following thresholds are enabled for matching:
• CC_THR3 (DFP_ACT_3A0)
• CC_THR6 (DFP_UFP_3A0)
The value programmed into CCx Debounce Clear Enable Registers (CCx_DBCLR_EN) and CCx Match Enable Regis-
ters (CCx_MATCH_EN) would therefore be 0x44.
In this case only CC_THR3 would be matched. Bit 3 would be set in both CCx Match Registers (CCx_MATCH) or CCx
Change Status Registers (CCx_CHG_STS) after the debounce interval.
UFP: Connected to DFP advertising 3.0 A
In this case the UFP is connected to a DFP advertising 3.0A. The vRd value measured will be > 1.3V and < 2.04 V.
In this configuration the following thresholds are enabled for matching:
• UFP_DFP_DEF (CC_THR0)
• UFP_DFP_1A5 (CC_THR2)
• UFP_DFP_3A0 (CC_THR4)
The value programmed into CCx Debounce Clear Enable Registers (CCx_DBCLR_EN) and CCx Match Enable Regis-
ters (CCx_MATCH_EN) would therefore be 0x15.
In this case all three thresholds would be matched since the value of vRd must exceed CC_THR4 which is 1.23V. Bits
0, 2 and 4 would be set in both CCx Match Registers (CCx_MATCH) or CCx Change Status Registers (CCx_CH-
G_STS).
9.2
DFP Operation
The device implements current sources to advertise current charging capabilities on both CC pins when operating as a
DFP.
When a UFP connection is established, the current driven across the CC pins creates a voltage across the UFP’s Rd
pull-down that can be detected by the integrated CC comparator. The voltages monitored are summarized in Table 9-
4. When connected to an active cable, an alternative pull-down (Ra) appears on the CC pin.
The DFP may provide the advertised VBUS power via the integrated Port Power Controller (PPC).
The DFP also integrates two 5V FETs for implementing the VCONN function. This is further discussed in Section 9.7,
"VCONN Operation".
TABLE 9-4:
SOURCE DETECTION
CC1
CC2
Connection State
CC Comparator State
VBUS
VCONN
Open
Open
Nothing Attached
Monitor both CC pins for attach
Off
Off
Rd
Open
UFP Attached
Monitor CC1 for detach
On
Off
Open
Rd
UFP Attached
Monitor CC2 for detach
On
Off
Ra
Open
Powered Cable, No UFP attached
Monitor CC2 for UFP attach.
Monitor CC1 for cable detach.
Off
Off
Open
Ra
Powered Cable, No UFP attached
Monitor CC1 for UFP attach.
Monitor CC2 for cable detach.
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com