Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 99 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 99 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 95Page - Microchip Technology UPD360 Datasheet HTML 96Page - Microchip Technology UPD360 Datasheet HTML 97Page - Microchip Technology UPD360 Datasheet HTML 98Page - Microchip Technology UPD360 Datasheet HTML 99Page - Microchip Technology UPD360 Datasheet HTML 100Page - Microchip Technology UPD360 Datasheet HTML 101Page - Microchip Technology UPD360 Datasheet HTML 102Page - Microchip Technology UPD360 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 99
UPD360
Note 9-7
This bit is RO when operating in standalone mode. Otherwise it is R/W.
Note 9-8
This field’s default is a function of the PWR_CAP0 and PWR_CAP1 pins when in standalone DFP
mode (see Section 9.8.1, "Configuration Selection") (UPD360-A/UPD360-B only). Otherwise the
default is 00b.
Note 9-9
For standalone DFP and standalone UFP, the value is 00b until the system reset completes.
Afterwards, the default for standalone DFP is 11b and for standalone UFP is 01b.
9.12.21
CC THRESHOLD X REGISTERS (CC_THRX)
Note 9-10
The default varies as shown in Table 9-12.
7:6
DFP Current Advertisement
When Standalone Operation is configured for standalone mode and the
device is configured as UFP, Device Role, this field indicates the DFP’s adver-
tised current. Otherwise this field shall be read back 00b.
The device updates this field after an attach has been detected.
0xb: RP current advertises default USB current
10b: RP current advertises 1.5A
11b: RP current advertises 3.0A
RO
00b
5
RESERVED
RO
-
4:3
CC2 Pull-Down Value
00b: Dead battery RD resistor selected
01b: Trimmed RD resistor selected
10b: Trimmed RA resistor selected.
11b: Open Disconnect.
R/W
Note 9-9
2
RESERVED
RO
-
1:0
CC1 Pull-Down Value
00b: Dead battery RD resistor selected
01b: Trimmed RD resistor selected
10b: Trimmed RA resistor selected.
11b: Open Disconnect.
R/W
Note 9-9
Address:
x=0: 0822h
x=1: 0824h
x=2: 0826h
x=3: 0828h
x=4: 082Ah
x=5: 082Ch
x=6: 082Eh
x=7: 0830h
Size:
16 bits
Bits
Description
Type
Default
15:10
RESERVED
RO
-
9:0
CC Threshold X (CC_THRX)
CC Threshold X register.
Note:
The units of this register are ~2.44 mV from a 2.5V/1024.
Note:
This register must not be modified while the CC debouncer is
enabled.
R/W
Note 9-10
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com