Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 102 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 102 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 98Page - Microchip Technology UPD360 Datasheet HTML 99Page - Microchip Technology UPD360 Datasheet HTML 100Page - Microchip Technology UPD360 Datasheet HTML 101Page - Microchip Technology UPD360 Datasheet HTML 102Page - Microchip Technology UPD360 Datasheet HTML 103Page - Microchip Technology UPD360 Datasheet HTML 104Page - Microchip Technology UPD360 Datasheet HTML 105Page - Microchip Technology UPD360 Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 221 page
background image
UPD360
DS00002084C-page 102
 2016-2017 Microchip Technology Inc.
Note 9-11
This default value is 1 when operating in standalone DFP mode. Otherwise, the default value is 0.
Note 9-12
This field is RO and reads back 01b when operating in UFP standalone mode. In standalone mode
this value does not indicate that VBUS is being actively measured. Whether or not VBUS is being
actively measured can be determined by reading VBUS_DB_ACTIVE.
9.12.24
VBUS THRESHOLD X REGISTERS (VBUS_THRX)
Note 9-13
The defaults are defined in Table 9-13.
2
VCONN1 Control
Enables the VCONN1 FET.
0b: VCONN1 FET is disabled
1b: VCONN1 FET is enabled
This bit has no meaning when in standalone mode (see Standalone Opera-
tion).
This bit automatically clears when a debounce VCONN OCS event occurs per
the assertion of VCONN Discharge Error (VCONN_DISCH_ERR)
R/W
0b
1:0
VBUS Comparator Control
00b: Comparator and DAC disabled
01b: Sample VBUS
10b: Sample CFG_SEL0
11b: Sample CFG_SEL1 (UPD360-A/UPD360-B only)
After the sample of CFG_SEL0 or CFG_SEL1 has completed, this register
resets itself to 00b and disables the VBUS comparator.
Note:
This field is forced to 01b by hardware when operating as a stand-
alone UFP.
Note 9-12
00b
Address:
x=0: 0842h
x=1: 0844h
x=2: 0846h
x=3: 0848h
Size:
16 bits
Bits
Description
Type
Default
15:10
RESERVED
RO
-
9:0
VBUS Threshold X (VBUS_THRX)
VBUS Threshold X register.
The lower byte of the threshold must be written before the upper byte. The
entire 10-bit threshold is updated when the second write occurs.
Note:
The units of this register are ~2.44 mV from a 2.5V FS.
R/W
Note 9-13
TABLE 9-13:
VBUS_THR DEFAULTS
VBUS_THR
VBUS Threshold
1R/9R Divider
VALUE
0
3.67
0.36
148
1
5.5
0.54
222
2
5.5
0.54
222
3
5.5
0.54
222
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com