Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 33 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 33 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 29Page - Microchip Technology UPD360 Datasheet HTML 30Page - Microchip Technology UPD360 Datasheet HTML 31Page - Microchip Technology UPD360 Datasheet HTML 32Page - Microchip Technology UPD360 Datasheet HTML 33Page - Microchip Technology UPD360 Datasheet HTML 34Page - Microchip Technology UPD360 Datasheet HTML 35Page - Microchip Technology UPD360 Datasheet HTML 36Page - Microchip Technology UPD360 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 33
UPD360
7.5
Power Delivery MAC Wakeup
The PD MAC is capable of asynchronous wakeup upon reception of a PD packet. This enables the device to be placed
in STANDBY mode and minimize power consumption.
The following steps illustrate the RX PD MAC wake function. Initially the Ring Oscillator and the 48 MHz Relaxation
Oscillator are disabled. The 20 KHz Keep Alive Oscillator is enabled, but not used in the wake process.
1.
In order to receive a PD message, the RX AFE is enabled via software and the trip point is set via the CC RX
DAC Control Register (CC_RX_DAC_CTL) and CC RX DAC Filter Register (CC_RX_DAC_FILT).
2.
The PD MAC is configured and enabled via software.
3.
The device is powered down. Software disables the 48 MHz Relaxation Oscillator, and Ring Oscillator if enabled,
via the Clock Control Register (CLK_CTL).
4.
After some time elapses, the device receives a PD message from the attached partner.
5.
The PD MAC asynchronously detects preamble activity on the CC line and enables the 48 MHz Relaxation Oscil-
lator.
6.
The oscillator is operational in approximately 5 us, at which point the PD MAC is operational.
7.
The PD MAC receives the remainder of the preamble and stores the message into the RX FIFO, and in accor-
dance with the PD protocol, responds with GoodCRC as required.
8.
An interrupt is issued via assertion of the IRQ_N pin.
9.
Software services the interrupt via I2C, reads the PD message, and responds as required.
10. The device is then powered down. Software disables the 48 MHz Relaxation Oscillator and Ring Oscillator via
the Clock Control Register (CLK_CTL).
11. The device remains powered down until the next PD message is received.
7.6
Interrupt Assertion from STANDBY
When the device is in STANDBY it is able to detect a number of events that may be configured to assert the IRQ_N pin
upon being appropriately programmed via software. The logic detecting such events operates off of the 20 KHz Keep
Alive Oscillator.
Upon the occurrence of an event, which is programmed to assert IRQ_N, the 48 MHz Relaxation Oscillator and Ring
Oscillator are enabled. Upon synchronization, the IRQ_N pin shall assert.
After software services the source interrupt(s), it should disable the 48 MHz Relaxation Oscillator and Ring Oscillator
via the Clock Control Register (CLK_CTL) to place the part back in STANDBY.
The following example sequence illustrates the steps for configuring the device to detect an OCS event on the OCS_-
COMP1 pin while in STANDBY.
1.
Software enables the OCS_CMP_INT bit in the Interrupt Enable Register (INT_EN).
2.
Software enables OCS detection, as defined in Section 8.3, "External Over-current Detection", to sample the
OCS_COMP1 pin.
3.
Software disables the 48 MHz Relaxation Oscillator and Ring Oscillator via the Clock Control Register
(CLK_CTL).
4.
An OCS event occurs and is detected on OCS_COMP1.
5.
The Ring Oscillator is enabled and is used to as the device’s operational clock.
6.
The device enables the 48 MHz oscillator and waits about 5 us for the oscillator to stabilize.
7.
The 48 MHz oscillator is stable.
8.
After synchronization is complete, the IRQ_N pin is asserted.
9.
Software detects IRQ_N assertion and services the interrupt.
10. Software disables the 48 MHz Relaxation Oscillator and Ring Oscillator via the Clock Control Register
(CLK_CTL) to place the part back in STANDBY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com