Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 46 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 46 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 42Page - Microchip Technology UPD360 Datasheet HTML 43Page - Microchip Technology UPD360 Datasheet HTML 44Page - Microchip Technology UPD360 Datasheet HTML 45Page - Microchip Technology UPD360 Datasheet HTML 46Page - Microchip Technology UPD360 Datasheet HTML 47Page - Microchip Technology UPD360 Datasheet HTML 48Page - Microchip Technology UPD360 Datasheet HTML 49Page - Microchip Technology UPD360 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 221 page
background image
UPD360
DS00002084C-page 46
 2016-2017 Microchip Technology Inc.
INT_STS[7:0] = 10h
INT_STS[15:8] = 11h
4
MAC_INT
Interrupt generated by the PD MAC.
This interrupt is cleared via the corresponding PD MAC interrupt register, as
detailed in Section 11.4.3, "PD MAC Interrupt Status and Enable Registers,"
on page 153.
RO
0b
3
OCS_CMP_INT
Interrupt generated from the detection of an over-current condition.
This interrupt is cleared via OCS Comparator Change Status Register
(OCS_CMP_CHG_STS).
RO
0b
2
PIO_OVERRIDE_INT
Interrupt generated from a PIO override.
This interrupt is cleared via the PIO Override Interrupt Status Register
(PIO_OVR_INT_STS).
RO
0b
1
PIO_INT
Interrupt generated from configured PIO status change.
This interrupt is cleared via the PIO Interrupt Status Register (PIO_INT_STS).
RO
0b
0
CC_INT
Interrupt generated by Cable Plug Orientation and Detection module.
This interrupt is cleared via the CC Interrupt Status Register (CC_INT_STS).
RO
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com