Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 8 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 8 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 4Page - Microchip Technology UPD360 Datasheet HTML 5Page - Microchip Technology UPD360 Datasheet HTML 6Page - Microchip Technology UPD360 Datasheet HTML 7Page - Microchip Technology UPD360 Datasheet HTML 8Page - Microchip Technology UPD360 Datasheet HTML 9Page - Microchip Technology UPD360 Datasheet HTML 10Page - Microchip Technology UPD360 Datasheet HTML 11Page - Microchip Technology UPD360 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 221 page
background image
UPD360
DS00002084C-page 8
 2016-2017 Microchip Technology Inc.
2.2
UPD360 Family Differences Summary
The UPD360 is available in three versions:
• UPD360-A
• UPD360-B
• UPD360-C
A summary of the differences between these versions is provided in Table 2-1. Device specific features that do no per-
tain to the entire UPD360 family are called out independently throughout this document. For ordering information, refer
to the Product Identification System on page 219.
FIGURE 2-2:
INTERNAL BLOCK DIAGRAM
TABLE 2-1:
UPD360 FAMILY DIFFERENCES
Device
+1.8V I2C Interface +3.3V I2C Interface
SPI Interface
Standalone UFP/DFP Mode
UPD360-A
X
X
UPD360-B
X
X
UPD360-C
X
UPD360
3V3_ALW
Rp‐Low
Rd
Rp‐High
Rp‐Low
Rd
Baseband
CC
Interface
VCONN(5V)
VCONN(5V)
Auto
Power
Switch
3V3_VBUS
1.8V LDO 
Regulator
VSW
CC1
CC2
5V/3A
Port 
Power
Controller
VBUS
I
2C
Controller
(UPD360‐A: +1.8V)
(UPD360‐B: +3.3V)
GPIOs
(16x)
OCS_COMP1
Over‐
Current
Detection
OCS_COMP2
I
2C
(UPD360‐A/B Only)
Rp‐High
SPI
Controller
(UPD360‐C Only)
SPI
(UPD360‐C Only)
Power
Delivery
2.0
MAC
GPIO[0:15]
(GPIO0 not available 
in UPD360‐C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com