Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 57 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 57 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 53Page - Microchip Technology UPD360 Datasheet HTML 54Page - Microchip Technology UPD360 Datasheet HTML 55Page - Microchip Technology UPD360 Datasheet HTML 56Page - Microchip Technology UPD360 Datasheet HTML 57Page - Microchip Technology UPD360 Datasheet HTML 58Page - Microchip Technology UPD360 Datasheet HTML 59Page - Microchip Technology UPD360 Datasheet HTML 60Page - Microchip Technology UPD360 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 57
UPD360
8.5.21
PIO OVERRIDE INTERRUPT STATUS REGISTER (PIO_OVR_INT_STS)
8.5.22
PIO OVERRIDE INTERRUPT ENABLE REGISTER (PIO_OVR_INT_EN)
Address:
0057h
Size:
8 bits
Bits
Description
Type
Default
7:4
RESERVED
RO
-
3
PIO_OVR_INTR3
This interrupt is set when override function 3 detects the programmed moni-
tored value on the selected PIO.
The interrupt persists until cleared.
R/WC
0b
2
PIO_OVR_INTR2
This interrupt is set when override function 2 detects the programmed moni-
tored value on the selected PIO.
The interrupt persists until cleared.
R/WC
0b
1
PIO_OVR_INTR1
This interrupt is set when override function 1 detects the programmed moni-
tored value on the selected PIO.
The interrupt persists until cleared.
R/WC
0b
0
PIO_OVR_INTR0
This interrupt is set when override function 0 detects the programmed moni-
tored value on the selected PIO.
The interrupt persists until cleared.
R/WC
0b
Address:
0058h
Size:
8 bits
Bits
Description
Type
Default
7:4
RESERVED
RO
0h
3
PIO_OVR_INTR3
When ‘1’, enables the generation of this interrupt.
R/W
0b
2
PIO_OVR_INTR2
When ‘1’, enables the generation of this interrupt.
R/W
0b
1
PIO_OVR_INTR1
When ‘1’, enables the generation of this interrupt.
R/W
0b
0
PIO_OVR_INTR0
When ‘1’, enables the generation of this interrupt.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com