Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 5 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 5 Page - Microchip Technology

  UPD360 Datasheet HTML 1Page - Microchip Technology UPD360 Datasheet HTML 2Page - Microchip Technology UPD360 Datasheet HTML 3Page - Microchip Technology UPD360 Datasheet HTML 4Page - Microchip Technology UPD360 Datasheet HTML 5Page - Microchip Technology UPD360 Datasheet HTML 6Page - Microchip Technology UPD360 Datasheet HTML 7Page - Microchip Technology UPD360 Datasheet HTML 8Page - Microchip Technology UPD360 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 5
UPD360
1.2
Buffer Types
SBU
SideBand Use
SCSR
System Control and Status Register
SPM
System Policy Manager (PD Specification definition)
SS
SuperSpeed
SVDM
Standard/Vendor Defined Message (PD Specification definition)
SVID
Standard/Vendor IDentity (PD Specification definition)
TCPC
USB Type-C™ Port Controller
UFP
Upstream Facing Port (USB Type-C™ Specification definition)
USB
Universal Serial Bus
USB Type-C™
USB Type-C™ Cable / Connector
VDO
Vendor-defined Object (PD Specification definition)
VSM
Vendor Specific Messaging
WORD
16-bits
ZLP
Zero Length USB Packet
TABLE 1-2:
BUFFER TYPES
Buffer Type
Description
IS
Schmitt-triggered input
I2C
I2C interface
O8
Output with 8 mA sink and 8 mA source
OD8
Open-drain output with 8 mA sink
PU
70k (typical) internal pull-up. Unless otherwise noted in the pin description, internal pull-ups
are always enabled.
Note:
Internal pull-up resistors prevent unconnected inputs from floating. Do not rely on
internal resistors to drive signals external to the device. When connected to a load
that must be pulled high, an external resistor must be added.
PD
70k (typical) internal pull-down. Unless otherwise noted in the pin description, internal pull-
downs are always enabled.
Note:
Internal pull-down resistors prevent unconnected inputs from floating. Do not rely
on internal resistors to drive signals external to the device. When connected to a
load that must be pulled low, an external resistor must be added.
AIO
Analog bidirectional
P
Power pin
Note:
Digital signals are not 5V tolerant unless specified.
Note:
Refer to Section 16.5, "DC Characteristics," on page 208 for the electrical characteristics of the various buf-
fers.
TABLE 1-1:
GLOSSARY OF TERMS (CONTINUED)
Term
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com