Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 82 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 82 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 78Page - Microchip Technology UPD360 Datasheet HTML 79Page - Microchip Technology UPD360 Datasheet HTML 80Page - Microchip Technology UPD360 Datasheet HTML 81Page - Microchip Technology UPD360 Datasheet HTML 82Page - Microchip Technology UPD360 Datasheet HTML 83Page - Microchip Technology UPD360 Datasheet HTML 84Page - Microchip Technology UPD360 Datasheet HTML 85Page - Microchip Technology UPD360 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 221 page
background image
UPD360
DS00002084C-page 82
 2016-2017 Microchip Technology Inc.
9.9
Back-Drive Detection
Back-drive detection is implemented on both CC pins, which prevents backwards current flow. The back-drive protection
circuit is always operational and triggers when VCCx > VS.
Detection of the back-drive condition causes the CC1 Back-Drive Error or CC2 Back-Drive Error bits in the Power Inter-
rupt Status Register (PWR_INT_STS) to assert.
Hardware supports automatically disabling a VCONN FET on a CC pin in which back-drive was detected after the
debounce period specified in the VCONN OCS and Back-Drive Debounce Register (VCONN_DEB). This function is
enabled by setting CC Back-Drive Enable in VBUS Control Register (VBUS_CTL).
9.10
Standalone DFP (UPD360-A/UPD360-B Only)
9.10.1
OVERVIEW
The device supports standalone DFP operation in which no CPU is available to configure the device. A key application
for this mode is a USB Type-C DFP companion for the Microchip USB58xx/USB59xx family of USB Hubs.
9.10.2
CONFIGURATION
This mode is entered by the appropriate setting of the CFG_SEL0 and CFG_SEL1 pins. The current charge advertised
and supplied is defined by the PWR_CAP0 and PWR_CAP1 pins. The device auto configures itself after a system level
reset event.
APPLICATION NOTE: The Standalone Operation field in CC Hardware Control Register (CC_HW_CTL) may be
used to disable standalone operation.
TABLE 9-8:
CONFIGURATION SELECT 1 (CFG_SEL1) I2C ADDRESS SETTINGS
(UPD360-A/UPD360-B ONLY)
Resistor
(+/-1%)
Description
CFG_SEL1_MATCH
Register
GND
I2C Slave Address = 1011_111
0000h
0.475 K
I2C Slave Address = 1011_110
0001h
0.953 K
I2C Slave Address = 1011_101
0003h
1.43 K
I2C Slave Address = 1011_100
0007h
1.87 K
I2C Slave Address = 1101_011
000Fh
2.37 K
I2C Slave Address = 1101_010
001Fh
2.87 K
I2C Slave Address = 1101_001
003Fh
3.32 K
I2C Slave Address = 1101_000
007Fh
3.83 K
I2C Slave Address = 1110_111
00FFh
4.22 K
I2C Slave Address = 1110_110
01FFh
4.75 K
I2C Slave Address = 1110_101
03FFh
5.23 K
I2C Slave Address = 1110_100
07FFh
5.62 K
I2C Slave Address = 1110_001
0FFFh
6.19 K
I2C Slave Address = 1110_011
1FFFh
6.65 K
I2C Slave Address = 1110_000
3FFFh
7.15 K
I2C Slave Address = 1110_010
7FFFh
>7.15 K
I2C Slave Address = 1001_000
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com