Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 76 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 76 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 72Page - Microchip Technology UPD360 Datasheet HTML 73Page - Microchip Technology UPD360 Datasheet HTML 74Page - Microchip Technology UPD360 Datasheet HTML 75Page - Microchip Technology UPD360 Datasheet HTML 76Page - Microchip Technology UPD360 Datasheet HTML 77Page - Microchip Technology UPD360 Datasheet HTML 78Page - Microchip Technology UPD360 Datasheet HTML 79Page - Microchip Technology UPD360 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 221 page
background image
UPD360
DS00002084C-page 76
 2016-2017 Microchip Technology Inc.
3.
Software polls CC_DB_ACTIVE until it reads back 0b to indicate that the CC debouncer is inactive.
4.
Software programs the CCx Debounce Clear Enable Registers (CCx_DBCLR_EN) as required to match the
thresholds of interest.
5.
Software programs detection for vSafe5V by setting VBUS_THR0 and VBUS_THR1 in the VBUS Threshold x
Registers (VBUS_THRx). The CCx Sample Enable Registers (CCx_SAMP_EN) is programmed debounce these
thresholds.
6.
Software programs CC1 Pull-Down Value and CC2 Pull-Down Value in the CC Control Register (CC_CTL) to
advertise trimmed Rd.
7.
Software enables the CC_MATCH_VLD, CC1_MATCH_CHG or CC2_MATCH_CHG interrupts via the CC Inter-
rupt Enable Register (CC_INT_EN).
8.
Software enables VBUS_MATCH_VLD by configuring the Power Interrupt Enable Register (PWR_INT_EN).
9.
Software enables IRQ_N via the configured respective bits, for CC_INT, PWR_INT and VBUS_INT, in the Inter-
rupt Enable Register (INT_EN).
10. Software programs the CC Comparator Control to sample both CC pins.
11. Software turns off all clock sources with the exception of 20 KHz keep-alive clock via the Clock Control Register
(CLK_CTL) to save power.
If after time tDRP an attachment is not detected, software shall configure the device to be a Source and attempt to detect
the presence of a Sink.
9.5
Collision Avoidance
An alternative mode of operation is required to enable the CC detection circuit to facilitate software implementation of
collision detection which was incorporated into version 3.0 of the USB PD Specification.
In order to avoid message collisions due to asynchronous Messaging (AMS) sent from the Sink, the Source sets Rp to
SinkTxOk (3A@5V) to indicate to the Sink that it is OK to initiate an AMS. When the Source wishes to initiate an AMS
it sets Rp to SinkTxNG (1.5A@5V). When the Sink detects that Rp is set to SinkTxOk it may initiate an AMS. When the
Sink detects that Rp is set to SinkTxNG it shall not initiate an AMS and shall only send Messages that are part of an
AMS the Source has initiated.
When operating as a Sink, a mechanism is required for quickly determining whether the Source is advertising SinkTxNG
or SinkTxOK on Rp.
A collision avoidance mechanism exists to enable software to instruct the device to sample only a single threshold on
a single CC pin. This results in a cycle through both thresholds taking only 100 us, making it easier for software to meet
the timing constraints mandated by SinkTxOk in the specification. Two CCx Sample Enable Registers (CCx_SAMP_EN)
are provided to enable software to specify which subsets of the CC thresholds shall be sampled via setting the respec-
tive bit. In the case of collision avoidance, only the threshold corresponding to SinkTxOK shall be set on the connected
CC pin. This corresponds to UFP_DFP_3A0 (CC_THR4). The CC Comparator Control field in CC Control Register
(CC_CTL) shall be set to the CC pin utilized for PD communication.
In order to prevent false positive detection of SinkTXOK when a PD packet is being transmitted or received, a debounce
value in the order to 7 ms would need to be programmed into Match Debounce Register (MATCH_DEB). Such a large
value would impair the ability of software, when operating as Sink, to detect SinkTXOK and transmit a PD message
within the time defined in the PD specification by SinkTxTime. The BLK_PD_MSG bit in CC Hardware Control Register
(CC_HW_CTL) has been incorporated to handle the above scenario and enable software to program a sub millisecond
debounce value. A minimum value of 100 us shall be used for the Match Debounce Register (MATCH_DEB) when using
this mode of operation.
The below sequence illustrates the steps to enable Collision Avoidance for a Sink. This sequence is used after a con-
nection and PD contract has been established.
Note:
Assertion of CC_MATCH_VLD indicates that the initial CC debounce of both CC pins has completed and
a valid value is available in CCx Match Registers (CCx_MATCH).
Note:
Assertion of VBUS_MATCH_VLD indicates that the initial CC debounce of both CC pins has completed
and a valid value is available in VBUS Match Register (VBUS_MATCH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com