Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 89 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 89 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 85Page - Microchip Technology UPD360 Datasheet HTML 86Page - Microchip Technology UPD360 Datasheet HTML 87Page - Microchip Technology UPD360 Datasheet HTML 88Page - Microchip Technology UPD360 Datasheet HTML 89Page - Microchip Technology UPD360 Datasheet HTML 90Page - Microchip Technology UPD360 Datasheet HTML 91Page - Microchip Technology UPD360 Datasheet HTML 92Page - Microchip Technology UPD360 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 89
UPD360
9.12.3
CCX CHANGE STATUS REGISTERS (CCX_CHG_STS)
9.12.4
CCX MATCH REGISTERS (CCX_MATCH)
Note 9-4
Defaults to FFh when the device is configured as a DFP and 00h when configured as a UFP, per the
Device Role field in the CC Control Register (CC_CTL).
Address:
x=1: 0804h
x=2: 0805h
Size:
8 bits
Bits
Description
Type
Default
7:0
CCx Change Status
When set, each bit indicates that the respective bit in the CCx Match Regis-
ters (CCx_MATCH) has changed.
A write of 1b clears the respective status bit.
R/WC
0h
Address:
x=1: 0806h
x=2: 0807h
Size:
8 bits
Bits
Description
Type
Default
7:0
CCx Threshold Match (CCx_MATCH)
When set, each bit indicates that the respective threshold programmed in the
CC Threshold x Registers (CC_THRx) was matched. A match is determined
when the measured voltage exceeds the programmed threshold.
These registers are updated after the Match Debounce Register
(MATCH_DEB) while in the Unattached state. While in AttachWait state,
these registers are updated after the PD Debounce Register (PD_DEB) if
vOpen is seen for a time greater than in the PD Debounce Register
(PD_DEB). While in Attached Source / Attached Sink states (e.g. detecting
detach) the match registers are updated after the PD Debounce Register
(PD_DEB).
Note:
This register will always read the default value until the CC com-
parator is enabled when not operating in standalone mode.
Note:
The contents of this register are debounced per the settings in the
CCx Debounce Clear Enable Registers (CCx_DBCLR_EN), other-
wise the raw value shall be shown.
RO
Note 9-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com