Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 62 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 62 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 58Page - Microchip Technology UPD360 Datasheet HTML 59Page - Microchip Technology UPD360 Datasheet HTML 60Page - Microchip Technology UPD360 Datasheet HTML 61Page - Microchip Technology UPD360 Datasheet HTML 62Page - Microchip Technology UPD360 Datasheet HTML 63Page - Microchip Technology UPD360 Datasheet HTML 64Page - Microchip Technology UPD360 Datasheet HTML 65Page - Microchip Technology UPD360 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 221 page
background image
UPD360
DS00002084C-page 62
 2016-2017 Microchip Technology Inc.
8.5.33
OCS COMPARATOR CONTROL REGISTER (OCS_CMP_CTL)
8.5.34
OCS COMPARATOR MATCH REGISTER (OCS_CMP_MATCH)
This bit is always cleared when OCS Comparator Control is not enabled for the respective OCS_COMP pin.
5:4
PIO_DB_EN2
R/W
00b
3:2
PIO_DB_EN1
R/W
00b
1:0
PIO_DB_EN0
R/W
00b
Note:
GPIO0 is not available in the UPD360-C.
Address:
0080h
Size:
8 bits
Bits
Description
Type
Default
7
OCS_DB_ACTIVE
When this bit reads back 0b, the debouncer is disabled. The OCS debouncer
is enabled when it reads back 1b.
RO
0b
6:2
RESERVED
RO
0h
1:0
OCS Comparator Control
00b: OCS Comparator and DAC are powered down
01b: OCS Comparator samples OCS_COMP1
10b: OCS Comparator samples OCS_COMP2
11b: OCS Comparator samples OCS_COMP1 and OCS_COMP2
When set to 01b or 10b, a sample is taken every 100 us. When set to 11b,
each OCS_COMPx pin is effectively sampled every 200 us.
R/W
00b
Address:
0081h
Size:
8 bits
Bits
Description
Type
Default
7:2
RESERVED
RO
0h
1
OCS Comparator Match 2
When set, this bit indicates that a match has occurred and an OCS condition
has been detected on OCS_COMP2 pin.
RO
0b
0
OCS Comparator Match 1
When set, this bit indicates that a match has occurred and an OCS condition
has been detected on OCS_COMP1 pin.
RO
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com