Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 22 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 22 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 18Page - Microchip Technology UPD360 Datasheet HTML 19Page - Microchip Technology UPD360 Datasheet HTML 20Page - Microchip Technology UPD360 Datasheet HTML 21Page - Microchip Technology UPD360 Datasheet HTML 22Page - Microchip Technology UPD360 Datasheet HTML 23Page - Microchip Technology UPD360 Datasheet HTML 24Page - Microchip Technology UPD360 Datasheet HTML 25Page - Microchip Technology UPD360 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 221 page
background image
UPD360
DS00002084C-page 22
 2016-2017 Microchip Technology Inc.
5.2.2
MULTIPLE-BYTE REGISTER ADDRESS SEQUENCING
The DIR subfield in Address field bits [15:14] determines how multiple-byte sequences will be interpreted. This field is
held internally whenever issued with an address, but is not applied in I2C except in multiple-byte transfers, Read or
Write. The DIR field definitions are as follows:
• DIR = 00b: Selects auto-incrementing of the internally-held register address for subsequent byte accesses in a
multiple-byte packet.
• DIR = 10b: Selects auto-decrementing of the internally-held register address for subsequent byte accesses in a
multiple-byte packet.
• DIR = 11b: Select a fixed address. No modification of the internal register address will occur, meaning that all sub-
sequent accesses, single- or multiple-byte, are made to the same register.
• DIR = 01b: Reserved for future use.
Note that the DIR field is altered only by issuing an address. It remains, affecting any subsequent multiple-byte Read
packets, until altered.
5.2.3
GENERAL CALL ADDRESS
The device supports the I2C General Call Address. The intent of this feature is to enable global I2C writes to topologies
that have multiple UPD360 slaves. This minimizes the I2C transactions for device reset, via the Hardware Control Reg-
ister (HW_CTL), as well as for various common configuration registers. This mode of operation is intended for topologies
that consist solely of UPD360 slaves. This mode of operation may not be compatible with non-UPD360 slaves coexisting
on the I2C bus.
Only the case where the least significant bit, “B”, of the General Call address is set to one is supported. The device will
ignore the case when the least significant bit, “B”, of the General Call address is set to zero. For the latter case, the
device will ACK the first byte, General call address. The device will ignore and silently discard all subsequent bytes and
not acknowledge them. The second byte of the General Call address is also ignored and not acknowledged by the
device.
Figure 5-3 illustrates the supported General Call Address format.
5.2.4
DEVICE INITIALIZATION
Until the device has initialized itself to the point where the various configuration inputs are valid, the I2C slave interface
will not respond to or be affected by any external pin activity. The device should not be accessed by the master in this
state. If, however, it is necessary to do so, this state will appear externally as a NACK (high) in the ACK bit time of the
Control Byte, and of any further bytes transmitted by the master. The device will continue to act in this manner until the
first Start condition is received after it is initialized internally. A Read transaction should not be attempted until an
Address Write has been completed successfully (Figure 5-2), since the value(s) read may be unpredictable otherwise.
Alternatively, an IRQ_N pin assertion can be used to indicate the device is ready.
Note:
Within bytes (address and data), the bits are transferred most-significant bit first. Addresses are transferred
Most-Significant Byte first. All registers are accessed in units of bytes, and register data is transferred in
increasing byte address order. Refer to the device register layout to determine the effect of this on the sig-
nificance order of any multi-byte value.
FIGURE 5-3:
I2C GENERAL CALL ADDRESS
A
A
A
A
A
9
A
8
A
C
K
A
C
K
Address Byte 1
*
Start or
Stop or
Data
DIR
A
5
A
4
A
3
A
2
A
1
A
0
A
C
K
Address Byte 0
A
7
A
6
13 12 11 10
Inc /
Dec /
Static
14
15
1
Master Address
S
0
0
0
0
General Call
Address
A
C
K
0
0
0
0
(B)
Second Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com