Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 7 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 7 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 3Page - Microchip Technology UPD360 Datasheet HTML 4Page - Microchip Technology UPD360 Datasheet HTML 5Page - Microchip Technology UPD360 Datasheet HTML 6Page - Microchip Technology UPD360 Datasheet HTML 7Page - Microchip Technology UPD360 Datasheet HTML 8Page - Microchip Technology UPD360 Datasheet HTML 9Page - Microchip Technology UPD360 Datasheet HTML 10Page - Microchip Technology UPD360 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 7
UPD360
2.0
INTRODUCTION
2.1
General Description
The UPD360 is a highly integrated, small form factor USB Type-C Power Delivery (PD) Port Controller designed to
adhere to the USB Type-C™ Cable and Connector Specification and USB Power Delivery 2.0 Specification. The
UPD360 provides cable plug orientation and detection for a USB Type-C receptacle and implements baseband commu-
nication with a partner USB Type-C device via the integrated USB Power Delivery 2.0 MAC. The device can function in
Standalone UFP/DFP modes, or utilize the integrated I2C/SPI interface to connect to a companion CPU/SoC (depen-
dent on device version, see Section 2.2, "UPD360 Family Differences Summary").
Additionally, the UPD360 integrates many of the analog discrete components required for USB Type-C PD applications,
including two VCONN FETs with Rp/Rd switching, a port power controller that supports up to 5V/3A on VBUS, and cur-
rent and voltage sense circuitry for over-voltage/current detection. By integrating many of the analog discrete compo-
nents required for USB Type-C PD applications, the UPD360 provides a low cost, low power, small footprint (4 x 4 mm)
solution for consumer (notebooks, desktop PCs, smartphones, tablets, monitors, docking stations) applications.
To enable the UPD360 to efficiently support dead battery use cases, an integrated power switch is provided to select
between two external 3.3V supplies (VBUS and main). This effectively allows connection detection and system wakeup
without external processor intervention (external processor in sleep mode).
The UPD360 is also capable of negotiating alternate modes over USB Type-C connectors using the Power Delivery 2.0
protocol. Both DisplayPort and Thunderbolt operation over USB Type-C connectors are supported in addition to other
major protocols.
A system diagram utilizing the UPD360 is shown in Figure 2-1. An internal block diagram of the UPD360 is shown in
Figure 2-2.
FIGURE 2-1:
SYSTEM BLOCK DIAGRAM
Microchip
UPD360
VBUS
CC1
CC2
SoC I2C/SPI
USB Crossbar /
Alternate Mode Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com