Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 85 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 85 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 81Page - Microchip Technology UPD360 Datasheet HTML 82Page - Microchip Technology UPD360 Datasheet HTML 83Page - Microchip Technology UPD360 Datasheet HTML 84Page - Microchip Technology UPD360 Datasheet HTML 85Page - Microchip Technology UPD360 Datasheet HTML 86Page - Microchip Technology UPD360 Datasheet HTML 87Page - Microchip Technology UPD360 Datasheet HTML 88Page - Microchip Technology UPD360 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 85
UPD360
0848h
VBUS Threshold x Registers (VBUS_THRx) x=3
084Ah
VBUS Debounce Register (VBUS_DEB)
084Bh
VBUS Off Register (VBUS_OFF)
084Ch
VBUS Error Register (VBUS_ERR)
084Dh
Reserved for future expansion
084Eh
VBUS VSafe0V Threshold Register (VSAFE0V_THR)
0850h
CFG_SELx Match Registers (CFG_SELx_MATCH) x=0
0852h
CFG_SELx Match Registers (CFG_SELx_MATCH) x=1
0854h
CFG_SEL Threshold x Registers (CFG_SEL_THRx) x=0
0856h
CFG_SEL Threshold x Registers (CFG_SEL_THRx) x=1
0858h
CFG_SEL Threshold x Registers (CFG_SEL_THRx) x=2
085Ah
CFG_SEL Threshold x Registers (CFG_SEL_THRx) x=3
085Ch
CFG_SEL Threshold x Registers (CFG_SEL_THRx) x=4
085Eh
CFG_SEL Threshold x Registers (CFG_SEL_THRx) x=5
0860h
CFG_SEL Threshold x Registers (CFG_SEL_THRx) x=6
0862h
CFG_SEL Threshold x Registers (CFG_SEL_THRx) x=7
0864h
CFG_SEL Threshold x Registers (CFG_SEL_THRx) x=8
0866h
CFG_SEL Threshold x Registers (CFG_SEL_THRx) x=9
0868h
CFG_SEL Threshold x Registers (CFG_SEL_THRx) x=10
086Ah
CFG_SEL Threshold x Registers (CFG_SEL_THRx) x=11
086Ch
CFG_SEL Threshold x Registers (CFG_SEL_THRx) x=12
086Eh
CFG_SEL Threshold x Registers (CFG_SEL_THRx) x=13
0870h
CFG_SEL Threshold x Registers (CFG_SEL_THRx) x=14
0872h
CFG_SEL Threshold x Registers (CFG_SEL_THRx) x=15
0874h
CFG_SEL Debug Register (CFG_SEL_DBG)
0875h – 0885h
Reserved for future expansion
0886h
VCONN Discharge Threshold Register (VCONN_DIS_THR)
0888h
VCONN Discharge Time Register (VCONN_DIS_TIME)
088Ah – 0BFFh
Reserved for future expansion
Note:
RESERVED address space must not be written under any circumstances. Failure to heed this warn-
ing may result in untoward operation and unexpected results.
TABLE 9-9:
SYSTEM CONTROL AND STATUS REGISTERS MAP (CONTINUED)
Address
Register Name (Symbol)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com