Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 94 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 94 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 90Page - Microchip Technology UPD360 Datasheet HTML 91Page - Microchip Technology UPD360 Datasheet HTML 92Page - Microchip Technology UPD360 Datasheet HTML 93Page - Microchip Technology UPD360 Datasheet HTML 94Page - Microchip Technology UPD360 Datasheet HTML 95Page - Microchip Technology UPD360 Datasheet HTML 96Page - Microchip Technology UPD360 Datasheet HTML 97Page - Microchip Technology UPD360 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 221 page
background image
UPD360
DS00002084C-page 94
 2016-2017 Microchip Technology Inc.
9.12.13
DEBUG INTERRUPT ENABLE REGISTER (DBG_ENT_EN)
9.12.14
MATCH DEBOUNCE REGISTER (MATCH_DEB)
9.12.15
PD DEBOUNCE REGISTER (PD_DEB)
Address:
0816h
Size:
8 bits
Bits
Description
Type
Default
7:4
RESERVED
RO
0h
3
Debug Interrupt Enable 3
When “0”, prevents generation of the respective interrupt.
This bit only exists in standalone DFP mode and is otherwise reserved.
R/W
0b
2:0
Debug Interrupt Enable [2:0]
When “0”, prevents generation of the respective interrupt.
R/W
0h
Address:
0817h
Size:
8 bits
Bits
Description
Type
Default
7:0
Match Debounce
Defines the debounce period utilized before updating the CCx Match Regis-
ters (CCx_MATCH) when not operating in standalone mode.
The units of this register is determined by MATCH_DB_UNITS bit in CC
Hardware Control Register (CC_HW_CTL). When this bit is clear, the units
are 1.6 ms. When this bit is set, the units are 100 us.
Note:
This register must not be modified while the CC debouncer is
enabled.
Note:
The actual debounce time may be +/-1 from the cycle time pro-
grammed.
Note:
The value programmed in this CSR should be at least equal to the
number of thresholds enabled in CCx Sample Enable Registers
(CCx_SAMP_EN). This is only an issue when MATCH_DB_UNITS
is set to 1b.
R/W
2h
Address:
0818h
Size:
8 bits
Bits
Description
Type
Default
7:0
PD Debounce (PD_DEB)
Period used for implementing tPdDebounce.
Note:
This register must not be modified while the CC debouncer is
enabled.
Note:
This register has units of 1 ms.
R/W
Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com