Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 78 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 78 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 74Page - Microchip Technology UPD360 Datasheet HTML 75Page - Microchip Technology UPD360 Datasheet HTML 76Page - Microchip Technology UPD360 Datasheet HTML 77Page - Microchip Technology UPD360 Datasheet HTML 78Page - Microchip Technology UPD360 Datasheet HTML 79Page - Microchip Technology UPD360 Datasheet HTML 80Page - Microchip Technology UPD360 Datasheet HTML 81Page - Microchip Technology UPD360 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 221 page
background image
UPD360
DS00002084C-page 78
 2016-2017 Microchip Technology Inc.
Upon powering the host CPU, software simultaneously deasserts EN_RD_DB and asserts EN_RD_TRIM. Going for-
ward the device presents RD_TRIM.
The Rd resistor presented, trimmed or untrimmed, is controlled by the CC1 Pull-Down Value and CC2 Pull-Down Value
in the CC Control Register (CC_CTL). These register fields serve the basis for the EN_RD_TRIM and EN_RD_DB_N
control signals depicted.
9.7
VCONN Operation
VCONN is a 5V supply that is used to power circuitry in the USB Type-C plug, which is required to implement Electron-
ically Marked Cables. By default, the DFP always sources VCONN when connected to an active cable. However, this
may be changed by software by using PD VCONN_SWAP.
The VCONN FETs are enabled/disabled by software via the VCONN1 Control and VCONN2 Control control bits in the
CC Control Register (CC_CTL).
In standalone DFP mode, the device independently enables/disables the VCONN FETs. This mode is intended for con-
figurations where no host CPU is available or the CPU is not capable of managing VCONN. The Standalone Operation
bit in the CC Hardware Control Register (CC_HW_CTL) enables this mode of operation.
APPLICATION NOTE: It is not envisioned to ever enable both FETs simultaneously.
VCONN is monitored for an over current condition via an internal monitoring circuit. A VCONN over current condition is
recognized when the event persists for a time longer than specified in the VCONN OCS and Back-Drive Debounce Reg-
ister (VCONN_DEB). VCONN OCS monitoring is enabled via the VCONN OCS Enable bit in the VBUS Control Register
(VBUS_CTL).
When an over-current VCONN event is detected, the VCONN Discharge Error (VCONN_DISCH_ERR) interrupt in the
Power Interrupt Status Register (PWR_INT_STS) asserts. The device may be configured to automatically disable the
VCONN FET upon detection of a CC1 Back-Drive Error/CC2 Back-Drive Error or VCONN Discharge Error (VCONN_-
DISCH_ERR). In the event of the detection of a debounced over-current VCONN event, the enabled VCONN FET will
be disabled. The OCS event also results in an automatic disablement of the respective VCONN1 Control and VCONN2
Control control bits in the CC Control Register (CC_CTL).
9.7.1
VCONN DISCHARGE PROGRAMMING MODEL
Software may use the following programming model for implementing VCONN discharge when the device is operating
as a DFP and a UFP disconnect has been detected.
This section does not apply to standalone DFP operation.
1.
Software determines the attached UFP has disconnected and disconnects the VCONN FET.
2.
Software disables monitoring the CC thresholds corresponding to the attached CC pin.
FIGURE 9-2:
CC RD (TRIM)
CCx
CC_DB_ENx
EN_RD_DB_N
EN_RD_TRIM
50 M
W
RD_DB
5.1 K
W
RD_TRIM
5.1 K
W
Rp
UFP
DFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com