Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 97 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 97 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 93Page - Microchip Technology UPD360 Datasheet HTML 94Page - Microchip Technology UPD360 Datasheet HTML 95Page - Microchip Technology UPD360 Datasheet HTML 96Page - Microchip Technology UPD360 Datasheet HTML 97Page - Microchip Technology UPD360 Datasheet HTML 98Page - Microchip Technology UPD360 Datasheet HTML 99Page - Microchip Technology UPD360 Datasheet HTML 100Page - Microchip Technology UPD360 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 97
UPD360
9.12.19
CCX SAMPLE ENABLE REGISTERS (CCX_SAMP_EN)
TABLE 9-11:
VBUS_DBCLR_EN DEFAULTS
Configuration
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Standalone UFP
(UPD360-A/UPD360-B only)
10
11
00
00
Standalone DFP
(UPD360-A/UPD360-B only)
10
11
00
00
Other
00
00
00
00
Address:
x=1: 081Dh
x=2: 081Eh
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
CC Sample Enable (CC_SAMP_EN)
When a bit is set, the respective CC threshold will be sampled by the CC
debouncer. When a bit cleared to 0b, the corresponding bit(s) in the CCx
Match Registers (CCx_MATCH) and CCx Change Status Registers
(CCx_CHG_STS) will always read 0b.
This register enables a reduction in latency for taking threshold
measurements by only having thresholds of interest being sampled.
Note:
For standalone DFP/UFP operation this register may remain set to
FFh, as latency for sampling CC thresholds in this case is not a
limitation.
Note:
This register must be used to implement Collision Avoidance.
R/W
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com