Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 31 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 31 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 27Page - Microchip Technology UPD360 Datasheet HTML 28Page - Microchip Technology UPD360 Datasheet HTML 29Page - Microchip Technology UPD360 Datasheet HTML 30Page - Microchip Technology UPD360 Datasheet HTML 31Page - Microchip Technology UPD360 Datasheet HTML 32Page - Microchip Technology UPD360 Datasheet HTML 33Page - Microchip Technology UPD360 Datasheet HTML 34Page - Microchip Technology UPD360 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 31
UPD360
7.0
CLOCKS, RESETS, AND POWER MANAGEMENT
This section details the various clocks, resets, and power managements states of the device:
7.1
Clocks
The following internal clocks are generated by the device:
• 48 MHz Relaxation Oscillator
• 20 KHz Keep Alive Oscillator
• Ring Oscillator
These oscillators can be manually enabled/disabled via the Clock Control Register (CLK_CTL).
7.2
Power States
The device supports four power states, as defined in the following sub-sections:
• SLEEP
• STANDBY
• ACTIVE_PPC_OFF
• ACTIVE_PPC_ON
7.2.1
SLEEP
This is the lowest power state of the device. The SLEEP state is entered via assertion of the PWR_DN pin. Virtually all
of the device is powered off in this mode with minimal circuity in the 3.3V domain to detect deassertion of PWR_DN.
This mode is intended to minimize power consumption when the device is not being used in battery powered applica-
tions. In these applications, a wake up event such as a button press, can cause the host CPU to deassert PWR_DN.
7.2.2
STANDBY
STANDBY is the lowest power functional state of the device. The majority of the device is powered off in this state. The
internal CC comparator and 20 KHz oscillator are enabled in this state as well as requisite analog components (1.8V
LDO, PORs, Biases, etc).
The CC lines are constantly monitored for an attach condition which shall result in an interrupt assertion to the host. If
an attachment has been made, this state can detect a change in the partner’s advertisement as well as a detach.
STANDBY is the power state that the UPD360 device will be in when in USB Type-CTM Unattached.SRC/SNK.
The following asynchronous wake-ups are supported from this state:
• Asynchronous I2C Wakeup (UPD360-A/UPD360-B Only)
• Asynchronous SPI Wakeup (UPD360-C Only)
• Power Delivery MAC Wakeup
7.2.3
ACTIVE_PPC_OFF
This state defines the condition where the internal 48 MHz oscillator is enabled, but the Port Power Controller is dis-
abled. A use case for this state would be when it is desired to debounce a GPIO for a micro-second period. In that case,
the internal 48 MHz oscillator is required to time the debounce.
The device also momentarily enters this state when being addressed via software I2C/SPI accesses or to implement
Power Delivery communications.
The UPD360 will be in ACTIVE_PPC_OFF primarily when in USB Type-CTM Attached.SNK state, or Attached.SRC
state with VBUS being driven by an external power source.
7.2.4
ACTIVE_PPC_ON
This state defines the condition where the Port Power Controller is operational, which necessitates the internal 48 MHz
oscillator be enabled for the Port Power Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com