Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 30 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 30 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 26Page - Microchip Technology UPD360 Datasheet HTML 27Page - Microchip Technology UPD360 Datasheet HTML 28Page - Microchip Technology UPD360 Datasheet HTML 29Page - Microchip Technology UPD360 Datasheet HTML 30Page - Microchip Technology UPD360 Datasheet HTML 31Page - Microchip Technology UPD360 Datasheet HTML 32Page - Microchip Technology UPD360 Datasheet HTML 33Page - Microchip Technology UPD360 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 221 page
background image
UPD360
DS00002084C-page 30
 2016-2017 Microchip Technology Inc.
Figure 6-3 illustrates a typical SPI single and multiple register write.
6.2.5
SPECIAL CSR HANDLING
6.2.5.1
Live Bits
Register values are latched (registered) at the beginning of each register read to prevent the host from reading a chang-
ing value. The latching occurs individually per register in a multiple register read sequence.
6.2.5.2
Change-on-Read Registers and FIFOs
Any single-byte register that triggers a side-effect from a read operation (for example, containing “clear on read” bits, or
advancing a FIFO structure) triggers only after the host has begun accessing the value. The value seen by the master
will always be the original value and never the updated result of the side-effect.
For a multiple-byte register that is considered a single unit, the change may be delayed until all bytes of the register
have been read. In the event that the host sends a no-acknowledge on one of the first bytes of a multi-byte register, or
a start or stop condition occurs unexpectedly before the acknowledge of the full register, the read may be considered
invalid and the side-effect not triggered.
Registers read in multiple-register read access will trigger multiple side-effects, occurring as they are read. The following
registers have read side-effects:
• Watchdog Count Register (WDT_COUNT)
6.2.5.3
Live Bits that are also Change-on-Read
As described above, the current value from a register with live bits (as is the case of any register) is captured and latched
as output data, and Change on Read bits are then changed in the original register. To prevent loss of a hardware event
that occurs following the data capture but before the Change on Read, these hardware events are held pending until
after the read action and after any change due to the read. This sequence also ensures an edge in the bit due to the
hardware event.
FIGURE 6-3:
SPI WRITE
SPI Write Single Register
SPI_CLK (Mode 0)
SPI_DI
00
0
0
X
Instruction
1
Address
SPI_DO
Data
A
1
3
SPI Write Multiple Registers
00
D
7
D
6
D
5
Z
X
SPI_CLK (Mode 3)
SPI_CS
X
1
2
3
4
5
6
7
8
9
1
0
1
1
1
2
1
3
1
4
1
5
1
6
2
5
2
6
2
7
X
1
2
3
4
5
6
7
8
9
1
0
1
1
1
2
1
3
1
4
1
5
1
6
2
5
2
6
2
7
2
9
3
0
3
1
3
2
X
X
2
9
3
0
3
1
3
2
D
2
D
0
A
1
2
A
1
1
A
1
0
A
9
A
8
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
1
7
1
8
1
9
2
0
2
1
2
2
2
3
2
4
1
7
1
8
1
9
2
0
2
1
2
2
2
3
2
4
SPI_CLK (Mode 0)
SPI_DI
00
0
0
X
Instruction
Address
SPI_DO
A
1
3
...
00
Z
SPI_CLK (Mode 3)
SPI_CS
...
X
1
2
3
4
5
6
7
8
9
1
0
1
1
1
2
1
3
1
4
1
5
1
6
2
5
2
6
2
7
X
1
2
3
4
5
6
7
8
9
1
0
1
1
1
2
1
3
1
4
1
5
1
6
2
5
2
6
2
7
X
X
A
1
2
A
1
1
A
1
0
A
9
A
8
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
1
7
1
8
1
9
2
0
2
1
2
2
2
3
2
4
1
7
1
8
1
9
2
0
2
1
2
2
2
3
2
4
...
D
7
D
6
D
5
D
2
D
0
...
D
7
D
6
D
5
X
...
D
1
D
1
Data 1...
Data m
Data m+1... Data n
...
0
1
0
Inc / Dec /
Static
DIR
(Irrelevant to 1-byte Writes)
Inc / Dec /
Static
DIR
2
8
2
8
D
4
D
3
D
2
D
0
D
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com