Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 42 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 42 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 38Page - Microchip Technology UPD360 Datasheet HTML 39Page - Microchip Technology UPD360 Datasheet HTML 40Page - Microchip Technology UPD360 Datasheet HTML 41Page - Microchip Technology UPD360 Datasheet HTML 42Page - Microchip Technology UPD360 Datasheet HTML 43Page - Microchip Technology UPD360 Datasheet HTML 44Page - Microchip Technology UPD360 Datasheet HTML 45Page - Microchip Technology UPD360 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 221 page
background image
UPD360
DS00002084C-page 42
 2016-2017 Microchip Technology Inc.
0048h
Configure PIOx Update Registers (CFG_PIOx_UPD) x=8
0049h
Configure PIOx Update Registers (CFG_PIOx_UPD) x=9
004Ah
Configure PIOx Update Registers (CFG_PIOx_UPD) x=10
004Bh
Configure PIOx Update Registers (CFG_PIOx_UPD) x=11
004Ch
Configure PIOx Update Registers (CFG_PIOx_UPD) x=12
004Dh
Configure PIOx Update Registers (CFG_PIOx_UPD) x=13
004Eh
Configure PIOx Update Registers (CFG_PIOx_UPD) x=14
004Fh
Configure PIOx Update Registers (CFG_PIOx_UPD) x=15
0050h
PIO Override x Source Select Registers (PIO_OVRx_SRC_SEL) x=0
0051h
PIO Override x Source Select Registers (PIO_OVRx_SRC_SEL) x=1
0052h
PIO Override x Source Select Registers (PIO_OVRx_SRC_SEL) x=2
0053h
PIO Override x Source Select Registers (PIO_OVRx_SRC_SEL) x=3
0054h
PIO Override Monitor Value Register (PIO_OVR_MON_VAL)
0055h
PIO Override Enable Register (PIO_OVR_EN)
0056h
PIO Override Status Register (PIO_OVR_STS)
0057h
PIO Override Interrupt Status Register (PIO_OVR_INT_STS)
0058h
PIO Override Interrupt Enable Register (PIO_OVR_INT_EN)
0059h
Configure PIO Output Register (CFG_PIO_OUT)
005Bh
Configure PIO Output Update Register (CFG_PIO_OUT_UPD)
005Dh - 005Fh
Reserved for future expansion
0060h
PIO Override x Output Enable Registers (PIO_OVRx_OUT_EN) x=0
0062h
PIO Override x Output Enable Registers (PIO_OVRx_OUT_EN) x=1
0064h
PIO Override x Output Enable Registers (PIO_OVRx_OUT_EN) x=2
0066h
PIO Override x Output Enable Registers (PIO_OVRx_OUT_EN) x=3
0068h
PIO Override Output Register (PIO_OVR_OUT)
006Ah
PIO Override Direction Register (PIO_OVR_DIR)
006Ch
PIO Debounce Count Ten Millisecond Register (PIO_DEBOUNCE_10MS_COUNT)
006Dh
PIO Debounce Count One Millisecond Register (PIO_DEBOUNCE_1MS_COUNT)
006Eh
PIO Debounce Count One Microsecond Register (PIO_DEBOUNCE_1US_COUNT)
006Fh
PIO Debounce Status Register (PIO_DEBOUNCE_STS)
0070h
PIO Debounce Enable Register (PIO_DEBOUNCE_EN)
0074h – 007Fh
Reserved for future expansion
0080h
OCS Comparator Control Register (OCS_CMP_CTL)
0081h
OCS Comparator Match Register (OCS_CMP_MATCH)
0082h
OCS Comparator Change Status Register (OCS_CMP_CHG_STS)
0083h
OCS Comparator Match Enable Register (OCS_CMP_MATCH_EN)
0084h
OCS Comparator x Threshold Registers (OCS_CMPx_THR) x=1
0086h
OCS Comparator x Threshold Registers (OCS_CMPx_THR) x=2
0088h
OCS Comparator Debounce Register (OCS_CMP_DEBOUNCE)
0089h – 009Ah
Reserved for future expansion
009Bh
IRQ_N PU/PD Control Register (IRQ_PUPD)
009Ch
Voltage Regulator Control Register (VREG_CTL)
009Dh
I2C Trim Register (I2C_TRIM)
009E – 009Fh
Reserved for future expansion
TABLE 8-1:
SYSTEM CONTROL REGISTER MAP (CONTINUED)
Address
Register Name (Symbol)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com