Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 77 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 77 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 73Page - Microchip Technology UPD360 Datasheet HTML 74Page - Microchip Technology UPD360 Datasheet HTML 75Page - Microchip Technology UPD360 Datasheet HTML 76Page - Microchip Technology UPD360 Datasheet HTML 77Page - Microchip Technology UPD360 Datasheet HTML 78Page - Microchip Technology UPD360 Datasheet HTML 79Page - Microchip Technology UPD360 Datasheet HTML 80Page - Microchip Technology UPD360 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 77
UPD360
1.
Sink establishes connection with Source and a PD contract is negotiated. Sink wants to transmit AMS to Source.
2.
Via the CC Hardware Control Register (CC_HW_CTL), the MATCH_DB_UNITS is set to 1b to utilize 100 us units
for the CC match debouncer. The BLK_PD_MSG bit is set to filter PD traffic from the debouncer.
3.
Software sets the Match Debounce Register (MATCH_DEB) to 400 us by writing four into the register.
4.
Software configures CC_THR4 to enable interrupt assertion via the CCx Match Enable Registers (CCx_-
MATCH_EN).
5.
Software configures CC_THR4 for sampling via the CCx Sample Enable Registers (CCx_SAMP_EN).
6.
Via the CC Control Register (CC_CTL), the CC Comparator Control selects the CC pin connected to the Source’s
Rp.
7.
Software waits for indication that Source’s Rp is SinkTxOK via a match detected on CC_THR4.
8.
Software initiates transmission of PD message to Source.
APPLICATION NOTE: Software must guarantee that a sufficient gap exists in between consecutively transmitted
PD messages to enable the source RP value to settle on the CC line. Studies by USB-IF
members have showed the settling time may take in excess of 40 us.
9.6
Dead Battery
Two variations of the Rd resistor are implemented: Rd (Dead Battery) and Rd (Trimmed). The CC1_DB_EN and CC2_D-
B_EN pins exist to determine the operation of the CC pins in dead battery conditions and are to be connected externally
via the PCB to the respective CC pin. The CC pins are configured to present either Hi-Z or an untrimmed Rd pull-down
resistance when connected to a DFP advertising a pull-up resistance.
Figure 9-1 illustrates the configuration for supporting dead battery cases via hair pining CCx_DB_EN and CCx together
on the PCB. The UFP pull-up activates the FET in series with RD_DB and enables the untrimmed dead battery pull-
down.
Figure 9-2 illustrates operation after the UFP has been powered over VBUS by the DFP. After the device is powered,
EN_RD_DB asserts by default to keep the RD_DB pull-down activated.
Note:
The units of the Match Debounce Register (MATCH_DEB) is determined by MATCH_DB_UNITS bit in CC
Hardware Control Register (CC_HW_CTL). When this bit is clear, the units are 1.6 ms. When this bit is set
the units are 100 us.
FIGURE 9-1:
CC RD (DEAD BATTERY)
CCx
CC_DB_ENx
EN_RD_DB_N
EN_RD_TRIM
Hi-Z
Hi-Z
50 M
W
RD_DB
5.1 K
W
RD_TRIM
5.1 K
W
Rp
UFP
DFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com