Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 35 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 35 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 31Page - Microchip Technology UPD360 Datasheet HTML 32Page - Microchip Technology UPD360 Datasheet HTML 33Page - Microchip Technology UPD360 Datasheet HTML 34Page - Microchip Technology UPD360 Datasheet HTML 35Page - Microchip Technology UPD360 Datasheet HTML 36Page - Microchip Technology UPD360 Datasheet HTML 37Page - Microchip Technology UPD360 Datasheet HTML 38Page - Microchip Technology UPD360 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 35
UPD360
8.0
SYSTEM CONTROL
This section details the following system controls:
• System Interrupts
• General Purpose I/O
• External Over-current Detection
• System Control Registers
8.1
System Interrupts
The device provides an open drain interrupt pin, IRQ_N, which is asserted as a function of the System Control’s Interrupt
Status Register (INT_STS) and Interrupt Enable Register (INT_EN). The following interrupts are supported:
• HPD Interrupt
• Power Switch Module Interrupt
• Watchdog Timer Assertion Interrupt
• Port Power Controller Interrupt
• Power Delivery MAC Interrupt
• OCS Comparator Interrupt
• PIO Override Interrupt
• PIO Interrupt
• CC Interrupt
• VBUS Interrupt
• Power Control Interrupt
• Device Ready Interrupt
In order to clear an interrupt status bit, the source of the asserted bit in Interrupt Status Register (INT_STS) must be
cleared. This process typically involves dealing with the module (e.g. PD MAC, CC, Port Power Controller, Watchdog
Timer, Power Switch, etc.) that triggered the interrupt or configuring the respective module’s interrupt enable register to
disable assertion.
The PIO interrupts are cleared by writing “1” to the asserted bit(s) in PIO Interrupt Status Register (PIO_INT_STS). The
PIO Override interrupts are cleared by writing “1” to the asserted bit(s) in PIO Override Interrupt Status Register
(PIO_OVR_INT_STS). The OCS interrupts are cleared by is cleared by writing “1” to the asserted bit(s) in OCS Com-
parator Change Status Register (OCS_CMP_CHG_STS).
Figure 8-1 illustrates the device’s interrupt hierarchy. Figure 8-2 illustrates the generation of the CC_INT bit in the Inter-
rupt Status Register (INT_STS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com