Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 95 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 95 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 91Page - Microchip Technology UPD360 Datasheet HTML 92Page - Microchip Technology UPD360 Datasheet HTML 93Page - Microchip Technology UPD360 Datasheet HTML 94Page - Microchip Technology UPD360 Datasheet HTML 95Page - Microchip Technology UPD360 Datasheet HTML 96Page - Microchip Technology UPD360 Datasheet HTML 97Page - Microchip Technology UPD360 Datasheet HTML 98Page - Microchip Technology UPD360 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 95
UPD360
9.12.16
VCONN OCS AND BACK-DRIVE DEBOUNCE REGISTER (VCONN_DEB)
9.12.17
CCX DEBOUNCE CLEAR ENABLE REGISTERS (CCX_DBCLR_EN)
Note 9-5
The default depends on the device’s configuration, as shown in table Table 9-10 which depends upon
CFG_SEL0, PWR_CAP0, and PWR_CAP1 pins.
APPLICATION NOTE: Clearing a bit in CCx Debounce Clear Enable Registers (CCx_DBCLR_EN) shall cause the
respective bit in CCx Match Registers (CCx_MATCH) to be immediately updated upon a
change in state of the associated threshold. This causes a state change in CCx Change
Status Registers (CCx_CHG_STS) and assertion of CC_INT, if enabled. To prevent this CCx
Match Enable Registers (CCx_MATCH_EN) should be updated before the CCx Debounce
Clear Enable Registers (CCx_DBCLR_EN) by having the associated threshold cleared.
Address:
0819h
Size:
8 bits
Bits
Description
Type
Default
7:0
VCONN and Back-Drive Debounce (VCONN_DEB)
Period used for implementing debounce of over-current detected on VCONN
FET as well as back-drive detected on the CC pins.
Note:
This register has units of 1 ms.
Note:
This register should not be changed when VCONN OCS Enable is
set.
R/W
2h
Address:
x=1: 081Ah
x=2: 081Bh
Size:
8 bits
Bits
Description
Type
Default
7:0
CC Debounce Clear Enable (CC_DBCLR_DEB)
When a bit is set, the respective threshold shall be included in the CC
debouncer. Alternatively, when cleared the respective threshold shall no lon-
ger be considered by the debouncer.
When CCx_DBCLR_EN bits are set on-the-fly, if a mismatch between the cur-
rent raw match vector (for the new CCx_DBCLR_EN) and the previous raw
match vector (for the old CCx_DBCLR_EN) exists, the DB will be reset.
Note:
Clearing bits in this register at run time does not reset the
debouncer.
Note:
The CC debouncer encompasses both CC1/CC2 pins. A detected
change for a threshold on either pin results in the debouncer reset-
ting.
Note:
Even though this register may change on-the-fly, the internal logic
will enable the change only at the end of the scan cycle, which is a
function of whether the CC1/CC2 pins are actively sampled and the
CCx Sample Enable Registers (CCx_SAMP_EN).
R/W
Note 9-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com