Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 66 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 66 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 62Page - Microchip Technology UPD360 Datasheet HTML 63Page - Microchip Technology UPD360 Datasheet HTML 64Page - Microchip Technology UPD360 Datasheet HTML 65Page - Microchip Technology UPD360 Datasheet HTML 66Page - Microchip Technology UPD360 Datasheet HTML 67Page - Microchip Technology UPD360 Datasheet HTML 68Page - Microchip Technology UPD360 Datasheet HTML 69Page - Microchip Technology UPD360 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 221 page
background image
UPD360
DS00002084C-page 66
 2016-2017 Microchip Technology Inc.
8.5.43
GENERAL PURPOSE TIMER INTERRUPT SOURCE REGISTER (GP_TIMER_INT_SRC)
8.5.44
GENERAL PURPOSE TIMER CONTROL REGISTER (GP_TIMER_CTL)
Address:
00A2h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:1
RESERVED
RO
-
0
GP_UFLOW
This bit will be set when the general purpose timer underflows. The
GP_TIMER_INT interrupt in Interrupt Status Register (INT_STS) persists
until this bit is cleared.
When DIS_ON_UFLOW bit of the General Purpose Timer Control Register
(GP_TIMER_CTL) is set, the assertion of this bit is delayed until the timer is
fully disabled (100s us).
R/WC
0b
Address:
00A3h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7
STATUS
This bit indicates the operational state of the GP timer.
0: Timer is disabled and not counting
1: Timer is enabled and counting
When this bit is cleared the timer has halted operation.
RO
0b
6:3
RESERVED
RO
-
2
DIS_ON_UFLOW
When this bit is set, the GP timer is automatically disabled upon detection
of the underflow condition. Additionally, the ENABLE bit is cleared upon
underflow detection and the assertion of GP_UFLOW will be delayed until
the GP Timer has halted operation and the STATUS bit is cleared.
R/W
0b
1
RESET
Timer Reset. When set this bit stops the timer and resets the internal counter
to the value in the General Purpose Timer Load Register
(GP_TIMER_LOAD).
0: Timer is not in reset
1: Timer is in reset
Note:
This bit does not clear until propagation of the reset completes.
This may take 100s us.
R/SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com