Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 39 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 39 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 35Page - Microchip Technology UPD360 Datasheet HTML 36Page - Microchip Technology UPD360 Datasheet HTML 37Page - Microchip Technology UPD360 Datasheet HTML 38Page - Microchip Technology UPD360 Datasheet HTML 39Page - Microchip Technology UPD360 Datasheet HTML 40Page - Microchip Technology UPD360 Datasheet HTML 41Page - Microchip Technology UPD360 Datasheet HTML 42Page - Microchip Technology UPD360 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 39
UPD360
8.3
External Over-current Detection
The device incorporates an analog comparator DAC circuit to detect an over-current condition. This feature is supported
via the OCS_COMP1 and/or OCS_COMP2 pin.
This feature is enabled as follows:
1.
Software clears the OCS Comparator Control bit in the OCS Comparator Control Register (OCS_CMP_CTL) to
determine the OCS debouncer.
2.
Software polls OCS_DB_ACTIVE until it clears, which indicates the OCS debouncer is disabled.
3.
If OCS_COMP2 is desired, the shared PIO must be disabled via the Configure PIOx Registers (CFG_PIOx).
4.
Software programs one or both of the OCS Comparator x Threshold Registers (OCS_CMPx_THR), as required.
5.
Software programs the OCS Comparator Debounce Register (OCS_CMP_DEBOUNCE).
6.
Software enables the OCS_COMPx pin(s) via the OCS Comparator Match Enable Register (OCS_CMP_-
MATCH_EN).
7.
Software enables the respective interrupt in the Interrupt Enable Register (INT_EN).
8.
Software sets the OCS Comparator Control bit in the OCS Comparator Control Register (OCS_CMP_CTL) to
enable comparison on OCS_COMP1 and/or OCS_COMP2, as desired.
9.
Detection of an over current event by the comparator results in the respective bit of the OCS Comparator Change
Status Register (OCS_CMP_CHG_STS) and OCS_CMP_INT asserts. The IRQ_N pin will assert, if configured.
10. Software writes to the OCS Comparator Change Status Register (OCS_CMP_CHG_STS) to clear OCS_C-
MP_INT. For a Lo-to-Hi transition, the respective bit in the OCS Comparator Match Register (OCS_CMP_-
MATCH) is set, while for a Hi-to-Lo transition the bit is cleared.
This feature is disabled when software clears the OCS Comparator Control bit in the OCS Comparator Control Register
(OCS_CMP_CTL). Either OCS_COMPx pin may be used to trigger a PIO override.
8.4
General Purpose Timer
The device incorporates a low power general purpose timer that operates off a 20 kHz oscillator and implements a 16-
bit one-shot down counter. When the timer underflows, it asserts the GP_UFLOW bit in General Purpose Timer Interrupt
Source Register (GP_TIMER_INT_SRC) and stops counting. This in turn causes the GP_TIMER_INT to assert in Inter-
rupt Status Register (INT_STS). The interrupt persists until the GP_UFLOW bit is cleared. If the respective bit is set in
Interrupt Enable Register (INT_EN), the IRQ_N pin will assert.
The timer’s upper threshold is loaded via the General Purpose Timer Load Register (GP_TIMER_LOAD). Setting
RESET in the General Purpose Timer Control Register (GP_TIMER_CTL) causes the timer’s internal counter to be
loaded to this value.
The timer is enabled by setting ENABLE in the General Purpose Timer Control Register (GP_TIMER_CTL). This causes
the timer to decrement every 1 ms. The timer continues to decrement until it underflows or it is disabled.
Clearing the ENABLE bit in the General Purpose Timer Control Register (GP_TIMER_CTL) disables the timer and it
stops counting.
The timer’s current count can be read from General Purpose Timer Count Register (GP_TIMER_COUNT) The timer
should be halted by clearing ENABLE before reading it. After the count is read, the ENABLE may be set again and the
counter will resume.
The DIS_ON_UFLOW bit in the General Purpose Timer Control Register (GP_TIMER_CTL) causes the timer to auto-
matically disable upon underflow detection and assert GP_UFLOW. In this case the assertion of GP_UFLOW is delayed
until the timer is fully disabled.
APPLICATION NOTE: This timer enables clocking sources to be disabled in the host CPU which is useful for timing
events such as DRP. This helps provide for a lower total power system solution.
The following steps illustrate the usage model for DRP implementation:
1.
Software configures the device as a DFP or UFP. See Section 9.4, "DRP Operation" for further details.
2.
Software enables the GP_TIMER_INT in the Interrupt Enable Register (INT_EN).
Note:
The underflow condition is defined as when the down counter transitions from 0x0000 to 0xFFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com