Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 40 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 40 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 36Page - Microchip Technology UPD360 Datasheet HTML 37Page - Microchip Technology UPD360 Datasheet HTML 38Page - Microchip Technology UPD360 Datasheet HTML 39Page - Microchip Technology UPD360 Datasheet HTML 40Page - Microchip Technology UPD360 Datasheet HTML 41Page - Microchip Technology UPD360 Datasheet HTML 42Page - Microchip Technology UPD360 Datasheet HTML 43Page - Microchip Technology UPD360 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 221 page
background image
UPD360
DS00002084C-page 40
 2016-2017 Microchip Technology Inc.
3.
Software programs the General Purpose Timer Load Register (GP_TIMER_LOAD) to a random value that com-
plies with the range for tDRP period as defined in the USB Type-C Specification.
4.
Software sets the ENABLE, RESET and DIS_ON_UFLOW bits in the General Purpose Timer Control Register
(GP_TIMER_CTL). This causes the value in the General Purpose Timer Load Register (GP_TIMER_LOAD) to
be loaded into the timer and it begins decrementing. This also configures the timer to delay assertion of GP_U-
FLOW in the General Purpose Timer Interrupt Source Register (GP_TIMER_INT_SRC) until the timer is fully dis-
abled .
APPLICATION NOTE: Writes to General Purpose Timer Load Register (GP_TIMER_LOAD) and General Purpose
Timer Control Register (GP_TIMER_CTL) defined in the prior steps may be done in the
same I2C write burst.
5.
Upon timer expiration, the GP_UFLOW bit will be set and the GP_TIMER_INT asserts in Interrupt Status Register
(INT_STS).
6.
The IRQ_N pin asserts.
7.
Software services the IRQ and determines whether or not a connection has been established with a UFP, or DFP.
If no connection has been established, software changes the device’s role. See Section 9.4, "DRP Operation" for
further details.
8.
Software programs the General Purpose Timer Load Register (GP_TIMER_LOAD) to a random value that com-
plies with the range of the tDRP period as defined in the USB Type-C Specification.
9.
Software shall clear the GP_UFLOW bit in the General Purpose Timer Interrupt Source Register (GP_TIM-
ER_INT_SRC).
10. Software sets the ENABLE, RESET and DIS_ON_UFLOW bits in General Purpose Timer Control Register (GP_-
TIMER_CTL). This causes the value in General Purpose Timer Load Register (GP_TIMER_LOAD) to be loaded
into the timer and the timer begins decrementing.
APPLICATION NOTE: Writes to the General Purpose Timer Load Register (GP_TIMER_LOAD), General Purpose
Timer Interrupt Source Register (GP_TIMER_INT_SRC) and General Purpose Timer Control
Register (GP_TIMER_CTL) defined in the prior steps may be done in the same I2C write
burst.
11. Upon timer expiration, and timer disablement, the GP_UFLOW bit will be set and the GP_TIMER_INT asserts in
Interrupt Status Register (INT_STS).
12. The IRQ_N pin asserts.
13. Software services the IRQ and determines if a connection has been established with a UFP, or DFP. If no con-
nection has been established SW changes the device’s role. See Section 9.4, "DRP Operation" for further details.
14. Goto step 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com