Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 45 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 45 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 41Page - Microchip Technology UPD360 Datasheet HTML 42Page - Microchip Technology UPD360 Datasheet HTML 43Page - Microchip Technology UPD360 Datasheet HTML 44Page - Microchip Technology UPD360 Datasheet HTML 45Page - Microchip Technology UPD360 Datasheet HTML 46Page - Microchip Technology UPD360 Datasheet HTML 47Page - Microchip Technology UPD360 Datasheet HTML 48Page - Microchip Technology UPD360 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 45
UPD360
8.5.7
INTERRUPT STATUS REGISTER (INT_STS)
Address:
0010h
Size:
16 bits
Bits
Description
Type
Default
15
RESERVED
RO
0h
14
GP_TIMER_INT
Interrupt generated when the general purpose timer underflows.
This interrupt reflect that value of the GP_UFLOW bit of the General Purpose
Timer Interrupt Source Register (GP_TIMER_INT_SRC).
RO
0b
13
RESERVED
RO
0b
12
RDY_INT
Interrupt generated when the device is configured and ready for access by
host CPU after a system level reset event.
This interrupt reflect that value of the DEV_READY bit of the Hardware Con-
trol Register (HW_CTL).
RO
0b
11
RESERVED
RO
-
10
PWR_INT
Interrupt generated power event.
This interrupt is cleared via the Power Interrupt Status Register
(PWR_INT_STS).
RO
0b
9
VBUS_INT
Indicates that a change occurred in the state of VBUS Change Status Register
(VBUS_CHG_STS).
RO
0b
8
HPD_INT
Interrupt generated by the HPD detection logic.
This interrupt is cleared via the HPD Interrupt Status Register
(HPD_INT_STS).
RO
0b
7
PSW_INT
Interrupt generated by the power switch.
This interrupt is cleared via the Power Switch Interrupt Status Register
(PWR_INT_STS).
RO
0b
6
WDT_INT
Interrupt generated by watchdog timer expiration.
This interrupt is cleared via WDT_STS bit in the Watchdog Control Register
(WDT_CTL).
Note:
When a Watchdog interrupt is pending, all write operations are
blocked until the WDT_STS bit in the Watchdog Control Register
(WDT_CTL) is cleared.
RO
0b
5
PPC_INT
Interrupt generated by PPC.
This interrupt is cleared via the PPC Interrupt Status Register 1
(PPC_INT_STS1).
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com