Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 100 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 100 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 96Page - Microchip Technology UPD360 Datasheet HTML 97Page - Microchip Technology UPD360 Datasheet HTML 98Page - Microchip Technology UPD360 Datasheet HTML 99Page - Microchip Technology UPD360 Datasheet HTML 100Page - Microchip Technology UPD360 Datasheet HTML 101Page - Microchip Technology UPD360 Datasheet HTML 102Page - Microchip Technology UPD360 Datasheet HTML 103Page - Microchip Technology UPD360 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 221 page
background image
UPD360
DS00002084C-page 100
 2016-2017 Microchip Technology Inc.
APPLICATION NOTE: The CC Comparator must be powered down before updating these registers.
9.12.22
CC DEBOUNCE REGISTER (CC_DEB)
9.12.23
VBUS CONTROL REGISTER (VBUS_CTL)
TABLE 9-12:
CC_THR DEFAULTS
CC_THR
Type-C Threshold
R/2R Divider
VALUE
0
0.2
0.13
55
1
0.4
0.27
109
2
0.66
0.44
180
3
0.8
0.53
219
4
1.23
0.82
336
5
1.6
1.07
437
6
2.6
1.73
710
7
32
820
Address:
0832h
Size:
8 bits
Bits
Description
Type
Default
7:0
CC Debounce (CC_DEB)
Period used for implementing tCCDebounce.
Note:
This register must not be modified while the CC debouncer is
enabled.
Note:
This register has units of 10 ms.
R/W
Fh
Address:
0840h
Size:
16 bits
Bits
Description
Type
Default
15:12
RESERVED
RO
-
11
CC Back-Drive Enable
Enables the monitoring of the back-drive condition on both CC pins.
When back-drive is detected, if the VCONN FET is enabled on the erred CC
pin, it shall be automatically disabled.
0b: CC Back-Drive disabled
1b: CC Back-Drive enabled
R/W
Note 9-11
10
IBUS_LOW
Determines whether IBUS Low is asserted during standalone mode when
PPC’s DISCH_SEL is cleared and a VBUS discharge is occurring.
0b: Do not assert IBUS Low
1b: Assert IBUS Low
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com