Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 103 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 103 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 99Page - Microchip Technology UPD360 Datasheet HTML 100Page - Microchip Technology UPD360 Datasheet HTML 101Page - Microchip Technology UPD360 Datasheet HTML 102Page - Microchip Technology UPD360 Datasheet HTML 103Page - Microchip Technology UPD360 Datasheet HTML 104Page - Microchip Technology UPD360 Datasheet HTML 105Page - Microchip Technology UPD360 Datasheet HTML 106Page - Microchip Technology UPD360 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 103
UPD360
9.12.25
VBUS DEBOUNCE REGISTER (VBUS_DEB)
This register has units of 1 ms.
9.12.26
VBUS OFF REGISTER (VBUS_OFF)
This register has units of 10 ms.
9.12.27
VBUS ERROR REGISTER (VBUS_ERR)
Address:
084Ah
Size:
8 bits
Bits
Description
Type
Default
7:0
VBUS Debounce (VBUS_DEB)
Indicates debounce interval for the VBUS threshold comparators.
Note:
This register must not be modified while the VBUS debouncer is
enabled.
R/W
1h
Address:
084Bh
Size:
8 bits
Bits
Description
Type
Default
7:0
VBUS Off
Defines timing after VBUS_DET discharges below VSafe0V.
R/W
10h
Address:
084Ch
Size:
8 bits
Bits
Description
Type
Default
7:3
RESERVED
RO
-
3
VCONN Discharge
When set the VBUS Discharge error shall be enabled to place the device in
the error state.
R/W
0b
2
VBUS Discharge
When set, the VBUS Discharge error shall be enabled to place the device in
the error state.
Note:
This bit is not applicable when the PPC is selected for VBUS
discharge.
R/W
0b
1
VCONN OCS
When set, the CC OCS error shall be enabled to place the device in the error
state.
R/W
0b
0
CC Back-drive
When set, the CC back-drive error shall be enabled to place the device in the
error state.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com