Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 105 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 105 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 101Page - Microchip Technology UPD360 Datasheet HTML 102Page - Microchip Technology UPD360 Datasheet HTML 103Page - Microchip Technology UPD360 Datasheet HTML 104Page - Microchip Technology UPD360 Datasheet HTML 105Page - Microchip Technology UPD360 Datasheet HTML 106Page - Microchip Technology UPD360 Datasheet HTML 107Page - Microchip Technology UPD360 Datasheet HTML 108Page - Microchip Technology UPD360 Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 105
UPD360
9.12.30
CFG_SEL THRESHOLD X REGISTERS (CFG_SEL_THRX)
A total of 16 thresholds are supported for decoding the resistor value on the CFG_SELx pins.
Note 9-15
The defaults are defined in Table 9-15.
Address:
x=0: 0854h
x=1: 0856h
x=2: 0858h
x=3: 085Ah
x=4: 085Ch
x=5: 085Eh
x=6: 0860h
x=7: 0862h
x=8: 0864h
x=9: 0866h
x=10: 0868h
x=11: 086Ah
x=12: 086Ch
x=13: 086Eh
x=14: 0870h
x=15: 0872h
Size:
16 bits
Bits
Description
Type
Default
15:10
RESERVED
RO
-
9:0
CFG_SEL Threshold (CFG_SEL_THR)
Note:
The units of this register are ~2.44 mV from a 2.5V FS.
R/W
Note 9-15
TABLE 9-15:
CFG_SEL_THR DEFAULTS
CFG_SEL_THR
Default
0
32
1
96
2
160
3
224
4
288
5
352
6
416
7
480
8
544
9
608
10
672
11
736
12
800
13
864
14
928
15
992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com