Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 107 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 107 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 103Page - Microchip Technology UPD360 Datasheet HTML 104Page - Microchip Technology UPD360 Datasheet HTML 105Page - Microchip Technology UPD360 Datasheet HTML 106Page - Microchip Technology UPD360 Datasheet HTML 107Page - Microchip Technology UPD360 Datasheet HTML 108Page - Microchip Technology UPD360 Datasheet HTML 109Page - Microchip Technology UPD360 Datasheet HTML 110Page - Microchip Technology UPD360 Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 107
UPD360
10.0
BASEBAND CC INTERFACE (BCI)
The device integrates a Baseband CC Interface (BCI) to facilitate USB Power Delivery communication. This module
bridges between the PD MAC/BMC and the analog front end. Baseband communication is initiated by the PD MAC,
which interfaces to the BCI. The BCI implements the digital functions required to control TX baseband components.
10.1
Baseband TX Data-flow
The key responsibility of the BCI is to generate the wave form required for baseband communication. To this end, the
BMC has a group of eight registers that define the Lo-Hi and Hi-Lo transitions for the generated BMC signal.
When instructed to transition from Lo-Hi, the BCI steps through all BB TX Risex Registers (BB_RX_RISEx). Likewise
when instructed to transition from Hi-Lo, the BCI steps through all BB TX Fallx Registers (BB_TX_FALLx). The BCI
always presents the value at BB_TX_RISE0 or BB_RX_FALL0 first.
APPLICATION NOTE: The user may replicate values if it is desired to use less than twelve unique values for this
purpose.
The following steps should be followed to program the BCI for data transmission:
1.
Software programs the BB TX Risex Registers (BB_RX_RISEx) and BB TX Fallx Registers (BB_TX_FALLx) to
define the slew rate for rising and falling transitions.
2.
Software enables the PD MAC.
3.
The PD MAC initiates, either via firmware, or autonomously via a data transmission (GoodCRC). The PD MAC
instructs the BCI to take the BB TX analog components out of power-down.
4.
After a sufficient time elapses for the analog to power up, the PD MAC begins transmission to the BMC encoder
which drives the analog components.
5.
If the MAC requests a rising transition, the BCI steps through the BB TX Risex Registers (BB_RX_RISEx). Alter-
natively, if the MAC requests a falling transition, the BCI steps through the BB TX Fallx Registers (BB_TX_-
FALLx).
6.
When the PD MAC indicates the transmission has completed, the BCI powers down the TX analog components.
10.2
Baseband RX Data-flow
Baseband RX data is received by the BCI from the RX analog front end where it is compared to a threshold programmed
by software. The CC RX DAC Value defines the trip point used for reception of baseband data. The field shall be pro-
grammed to be 175 mV below the RX Eye center, as defined in the PD Specification for the mode in which the device
is operating (Sourcing Power, Sinking Power, Power Neutral).
In order to program the required trip point, the RX DAC Enable bit must be set and the CC RX DAC Value field in the
CC RX DAC Control Register (CC_RX_DAC_CTL) must be programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com