Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 110 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 110 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 106Page - Microchip Technology UPD360 Datasheet HTML 107Page - Microchip Technology UPD360 Datasheet HTML 108Page - Microchip Technology UPD360 Datasheet HTML 109Page - Microchip Technology UPD360 Datasheet HTML 110Page - Microchip Technology UPD360 Datasheet HTML 111Page - Microchip Technology UPD360 Datasheet HTML 112Page - Microchip Technology UPD360 Datasheet HTML 113Page - Microchip Technology UPD360 Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 221 page
background image
UPD360
DS00002084C-page 110
 2016-2017 Microchip Technology Inc.
10.3.4
BB TX RISEX REGISTERS (BB_RX_RISEX)
The BB TX Rise registers define the characteristics of the baseband waveform on rising transitions.
10.3.5
BB TX FALLX REGISTERS (BB_TX_FALLX)
The BB TX Fall registers define the characteristics of the baseband waveform on rising transitions.
Address:
x=0: 2810h
x=1: 2812h
x=2: 2814h
x=3: 2816h
x=4: 2818h
x=5: 281Ah
x=6: 281Ch
x=7: 281Eh
x=8: 2820h
x=9: 2822h
x=10: 2824h
x=11: 2826h
Size:
16 bits
Bits
Description
Type
Default
15:10
RESERVED
RO
-
9:0
BB TX Rise Value
Code presented to the CC TX DAC when implementing the rising transition for
a baseband transmission.
R/W
0h
Address:
x=0: 2830h
x=1: 2832h
x=2: 2834h
x=3: 2836h
x=4: 2838h
x=5: 283Ah
x=6: 283Ch
x=7: 283Eh
x=8: 2840h
x=9: 2842h
x=10: 2844h
x=11: 2846h
Size:
16 bits
Bits
Description
Type
Default
15:10
RESERVED
RO
-
9:0
BB TX Fall Value
Code presented to the CC TX DAC when implementing the falling transition
for a baseband transmission.
R/W
0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com