Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 109 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 109 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 105Page - Microchip Technology UPD360 Datasheet HTML 106Page - Microchip Technology UPD360 Datasheet HTML 107Page - Microchip Technology UPD360 Datasheet HTML 108Page - Microchip Technology UPD360 Datasheet HTML 109Page - Microchip Technology UPD360 Datasheet HTML 110Page - Microchip Technology UPD360 Datasheet HTML 111Page - Microchip Technology UPD360 Datasheet HTML 112Page - Microchip Technology UPD360 Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 109
UPD360
10.3.1
CC RX DAC CONTROL REGISTER (CC_RX_DAC_CTL)
10.3.2
CC RX DAC FILTER REGISTER (CC_RX_DAC_FILT)
10.3.3
CC TX DAC FILTER REGISTER (CC_TX_DAC_FILT)
Address:
2800h
Size:
16 bits
Bits
Description
Type
Default
15
RX DAC Enable
0: Disable the CC RX DAC
1: Enable the CC RX DAC
R/W
0b
14:10
RESERVED
RO
-
9:0
CC RX DAC Value
This register defines the trip point used for reception of baseband data.
Note:
The full scale range of this DAC is 1.8V.
Note:
The DAC must be programmed to be 175mV below the desired RX
Eye center.
R/W
0h
Address:
2802h
Size:
8 bits
Bits
Description
Type
Default
7:2
RESERVED
RO
-
1
Select CC Rx Filter Configuration
R/W
0b
0
CC RX DAC Filter Enable
R/W
0b
Address:
2804h
Size:
8 bits
Bits
Description
Type
Default
7:5
RESERVED
RO
-
4
CC TX Filter Enable
Enables CC TX filter and driver.
R/W
0
3:0
CC TX Filter
Selects CC TX filter bandwidth.
R/W
8h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com