Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 113 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 113 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 109Page - Microchip Technology UPD360 Datasheet HTML 110Page - Microchip Technology UPD360 Datasheet HTML 111Page - Microchip Technology UPD360 Datasheet HTML 112Page - Microchip Technology UPD360 Datasheet HTML 113Page - Microchip Technology UPD360 Datasheet HTML 114Page - Microchip Technology UPD360 Datasheet HTML 115Page - Microchip Technology UPD360 Datasheet HTML 116Page - Microchip Technology UPD360 Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 113
UPD360
Note that the tx_queue_data[4:0] is passed as-is when tx_queue_data[5] is set to 1. Thus, software can send reserved
symbols for error testing. The only caveat is that hardware cannot be used to generate and insert CRC. In this case,
software should compute the necessary CRC32 and add it the data packet and skip the 0xFF code in the queue for CRC
insertion.
11.1.1.2.3
TX Queue Programming Sequence - AMDP
The following sequence should be used when programming a sequence in AMDP. This example assumes hardware
performs packet framing and CRC insertion.
1.
Make sure the GO bit in the TX Control Register B (TX_CTL_B) is cleared, i.e., hardware is done with previous
TX request.
2.
If using FIFO mode, clear the TX Queue WRI pointer by writing a “1” to the RST_TXQ_FIFO_WRI_PTR bit of the
TX Control Register B (TX_CTL_B).
3.
Write the two header bytes.
4.
Write the payload data, if any.
5.
Write the number of bytes to the TX Packet Length Register (TX_PKT_LEN).
6.
Check to see if it is OK to transmit via the OK_TO_TX bit in the TX Control Register B (TX_CTL_B)).
7.
If OK_TO_TX: set the GO bit in the TX Control Register B (TX_CTL_B) to start transmission.
Else: repeat step 6. Note: If an RX is in progress, the current TX may need to be abandoned.
TABLE 11-1:
RAW MODE DATA ENCODING
tx_queue_data[5:0]
Encoded Symbol
tx_queue_data[5:0]
Encoded Symbol
6’h00
5’b11110
6’h08
5’b10010
6’h01
5’b01001
6’h09
5’b10011
6’h02
5’b10100
6’h0A
5’b10110
6’h03
5’b10101
6’h0B
5’b10111
6’h04
5’b01010
6’h0C
5’b11010
6’h05
5’b01011
6’h0D
5’b11011
6’h06
5’b01110
6’h0E
5’b11100
6’h07
5’b01111
6’h0F
5’b11101
tx_queue_data[5:0]
K-Code
Transmitted Data
6’b1_11000
Sync-1
5’b11000
6’b1_10001
Sync-2
5’b10001
6’b1_01101
EOP
5’b01101
6’b1_00111
RST1
5’b00111
6’b1_11001
RST2
5’b11001
tx_queue_data[5:0]
Special Meaning
8’hFE
TX_STOP
8’hFF
TX_INS_CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com