Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 115 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 115 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 111Page - Microchip Technology UPD360 Datasheet HTML 112Page - Microchip Technology UPD360 Datasheet HTML 113Page - Microchip Technology UPD360 Datasheet HTML 114Page - Microchip Technology UPD360 Datasheet HTML 115Page - Microchip Technology UPD360 Datasheet HTML 116Page - Microchip Technology UPD360 Datasheet HTML 117Page - Microchip Technology UPD360 Datasheet HTML 118Page - Microchip Technology UPD360 Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 115
UPD360
Note that for a received good packet to abort a pending transmission, the SOP type of the received packet must match
the SOP type of the pending transmission, or the SOP type of the received packet must be SOP with the SOP type of
the pending transmission being non-SOP (the latter can be disabled via the DIS_SOP_ABRTS_NON_SOP bit in the TX
Control Register A (TX_CTL_A)) and, for messages other than Soft-Reset, the received message ID must indicate a
non-duplicated packet (Soft-Resets are never considered duplicates). Ping and GoodCRC messages do not cause a
transmission to abort.
Separate TX interrupt abort bits and separate abort status registers are provided for software issued and auto-response
packets.
11.1.2.3
Transmit Retries
Transmitted packets are retried under two scenarios: bus idle violations, and GoodCRC response timeout.
If the transmission is discarded due to the bus being non-idle, the option exists to retry instead of treating it as an abort.
In order for this to occur, the packet must have been initiated by software, not be a hard or cable reset, auto response
mode must be enabled, the retry count must be non-zero, and the RETRY_ON_LINE_BUSY bit in the TX Control Reg-
ister A (TX_CTL_A) must be set. If after the specified number of retries, the transmission failed due to bus busy, the
TX_FAILED status is set (not TX_ABORTED). Hard and Cable resets are not retried.
Following the transmission of a software initiated frame (other than Hard and Cable resets), the device will start a timer
and wait for a GoodCRC response to be indicated by the receiver. This assumes retries and / or the wait for GoodCRC
are enabled.
If a GoodCRC is received with the correct SOP type and message ID, then the wait is finished and the transmission is
done. If a GoodCRC is received with the wrong SOP type or message ID, it is ignored by the transmitter (the transmitter
is not even notified) and silently dropped by the receiver.
If the wait for CRC timer expires and the remaining retry count is non-zero, the original packet is re-transmitted. If the
remaining retry count is zero, then the packet is not retried and a failed status is indicated.
The wait for GoodCRC will be aborted if any of the following are received:
• A hard reset
• A cable reset (if cable reset reception is enabled and the SOP type of the pending TX is SOP', SOP'', SOP'_De-
bug or SOP''_Debug)
• A soft-reset (if the SOP type of the RX is the same as that of the pending TX or the SOP type of the RX is SOP
with the SOP type of the pending transmission being non-SOP)
• A good packet other than a GoodCRC or Ping (if the SOP type of the RX is the same as that of the pending TX or
the SOP type of the RX is SOP with the SOP type of the pending transmission being non-SOP (the latter can be
disabled via the DIS_SOP_ABRTS_NON_SOP bit in the TX Control Register A (TX_CTL_A)) and the package is
not a duplicate message)
The latter two causes are considered to be protocol errors.
The wait for GoodCRC can also be aborted by software. An aborted wait for GoodCRC is not retried.
11.1.2.4
Transmitter Disable
In order to avoid a race condition where the software is currently issuing a transmit and the hardware is receiving a
packet, the EN_FWTX bit in the TX Parameters Register A (TX_PARAM_A) is automatically cleared if a hard reset to a
cable reset (if enabled - no SOP type checking is done since a transmission may not be pending) has been received
(based on the RX_CABLE_RST and RX_HARD_RST bits in the RX Interrupt Status Register (RX_IRQ_STAT)) or if
there is any data in the RX FIFO. Using the interrupt and FIFO status (level sensitive) instead of the even occurrence
(edge) avoids another race condition where the software has set the EN_FWTX bit just following the event.
11.1.3
TX COMM
The TX Comm is responsible for taking the coded nibbles from TX Control, encoding it if necessary, and serializing to
make it ready for transmission. It is responsible for preamble insertion, CRC calculation, and CRC insertion. It also pro-
vides the TX clock signal for the BMC encoder.
11.1.3.1
Preamble Insertion
The device automatically adds the alternating “0” and “1” preamble to the transmitted packet. When the transmission of
the preamble is completed, data from TX Queue is processed under direction of the TX Control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com