Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 119 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 119 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 115Page - Microchip Technology UPD360 Datasheet HTML 116Page - Microchip Technology UPD360 Datasheet HTML 117Page - Microchip Technology UPD360 Datasheet HTML 118Page - Microchip Technology UPD360 Datasheet HTML 119Page - Microchip Technology UPD360 Datasheet HTML 120Page - Microchip Technology UPD360 Datasheet HTML 121Page - Microchip Technology UPD360 Datasheet HTML 122Page - Microchip Technology UPD360 Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 119
UPD360
11.2.1.1
RX FIFO Write Interface
Figure 11-1 shows how the write interface (from receive hardware's perspective) appears at various points of reception.
Each RX Packet is comprised of two bytes of control information and the received packet data. The Status byte indicates
whether the data is valid and the SOP type that was received. A value of 0x00 in the status byte implies that the data is
not valid (including the NBytes field).When bit 0 of the status byte is 1'b1, the Nbytes field indicates the length of the
packet and bits 6:4 of the status byte indicates the SOP type that was received. An empty FIFO always returns a value
of 0x00. However, the status byte should not be polled, but rather the RX_FIFO_NOT_EMPTY bit in the RX Interrupt
Status Register (RX_IRQ_STAT) should be used. The valid bit is retained for legacy compatibility. When software reads
the packet data from the FIFO, it should only read number of bytes indicated by Nbytes (in addition to the Nbytes and
Status entries). Note that the byte count indicated by NBytes includes the CRC32 data.
When SMBus mode is enabled (via the EN_SMBUS_MODE bit in the RX Control Register A (RX_CTL_A)), the Status
and Nbytes fields are swapped and Nbytes is incremented by 1 to include the status byte. The swapping makes the
(not-recommended) polling of the Status byte impossible for this mode. When software reads the packet data from the
FIFO, it should only read number of bytes indicated by NBytes (in addition to the Nbytes entry). Figure 11-2 details the
format while in SMBus mode.
FIGURE 11-1:
WRITE INTERFACE VIEW OF RX FIFO
FIGURE 11-2:
RX FIFO SMBUS MODE
CRC (4)
byte m
byte 0
Message
Header
CRC (4)
byte n
byte 0
Message
Header
Ram Address
Nbytes*
Status*
CRC (4)
byte n
byte 0
Message
Header
1900h
197Fh
<- Write Head Pointer
*assuming SMBus mode = 0
Free Space
Free Space
<- Write Head Pointer Plus One
at SOP
Ram Address
Nbytes*
Status*
CRC (4)
byte n
byte 0
Message
Header
1900h
197Fh
Free Space
Free Space
<- Write Head Pointer Plus One
during packet
reception
<- Write Current Pointer
Ram Address
Nbytes*
Status*
1900h
197Fh
<- Write Head Pointer, Write Current Pointer
Free Space
Free Space
<- Write Head Pointer Plus One
after packet reception
<- Write Head Pointer
<- Write Current Pointer
byte 0
Message
Header
Reserved for
Nbytes and Status
Reserved for
Nbytes and Status
Nbytes*
Status*
CRC (4)
byte m
byte 0
Message
Header
CRC (4)
byte n
byte 0
Message
Header
SMBus mode = 1
Ram Address
Nbytes*
Status*
1900h
197Fh
<- Write Head Pointer, Write Current Pointer
Free Space
Free Space
<- Write Head Pointer Plus One
after packet reception
Nbytes*
Status*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com