Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 123 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 123 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 119Page - Microchip Technology UPD360 Datasheet HTML 120Page - Microchip Technology UPD360 Datasheet HTML 121Page - Microchip Technology UPD360 Datasheet HTML 122Page - Microchip Technology UPD360 Datasheet HTML 123Page - Microchip Technology UPD360 Datasheet HTML 124Page - Microchip Technology UPD360 Datasheet HTML 125Page - Microchip Technology UPD360 Datasheet HTML 126Page - Microchip Technology UPD360 Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 123
UPD360
11.2.1.2
RX FIFO Read Interface
Figure 11-3 shows how the read interface appears at various points of the software read.
The RX FIFO read interface always uses a FIFO access mode. The read is destructive, returning the current data and
releasing the FIFO space. Although the software may rewind the read pointer for test purposes, there is no guarantee
that the data has not been overwritten.
After determining the validity of data in the FIFO queue by reading the RX_FIFO_NOT_EMPTY bit in the RX Interrupt
Status Register (RX_IRQ_STAT), software may read the data from the RX FIFO. Software may read the entire packet
without the need to recheck the RX_FIFO_NOT_EMPTY bit.
Although written as each byte is received, valid data in the FIFO is only indicated once the entire packet is received and
validated.
Depending on the setting of the EN_SMBUS_MODE bit in the RX Control Register A (RX_CTL_A), either the status or
the Nbytes field is read first, followed by the other. If SMBus mode is enabled, the Nbytes field is read first and will
include the status byte, otherwise it is read second and just indicates the packet length. Note that the packet includes
the 4 byte CRC and the length includes this.
As the FIFO is accessed, packet data is read from the FIFO at the read pointer and following each read the read pointer
is incremented. The read pointer points to the next location to be read. Upon reaching the top of the RAM, the read
pointer wraps to 0.
The FIFO space is released as the packet is read. There is no need for software to specifically release the buffer space.
If software needs to flush a packet without reading the data, it may do so by writing the RX FIFO Read Pointer Register
(RX_FIFO_RD_PTR) and RX FIFO Read Pointer Control Bits Register (RX_FIFO_RD_PTR_CTL_BITS). Software
should add the appropriate value to the read pointer, taking into account the amount of data already read. Wrap at the
top of the RAM must be accounted, for both the read pointer and the RX_FIFO_RX_PTR_WRAP control bit. In order to
maintain coherency, the device will hold a write to the RX FIFO Read Pointer Register (RX_FIFO_RD_PTR) in a tem-
porary register and transfer it to the actual register when the RX FIFO Read Pointer Control Bits Register (RX_FI-
FO_RD_PTR_CTL_BITS) is written.
Although accessed as a FIFO, software can use any offset address in the 128 byte FIFO address range.
Although not recommended, the software can read from the FIFO if it is empty. The returned data will be 0 and the FIFO
will not underrun.
All pointers consist of a RAM address and a wrap indication. The wrap indication is toggled each time the pointer wraps
past the top of the RAM. The wrap indication is used in the full, “no room for header” and empty comparisons to distin-
guish between the write pointers being a full RAM size ahead of the read pointer (full conditions in which case the wrap
toggles would be opposite) and the write pointers being equal to the read pointer (empty condition in which case the
wrap toggles would be equal).
FIGURE 11-3:
READ INTERFACE VIEW OF RX FIFO
CRC (4)
byte m
byte 0
Message
Header
CRC (4)
byte n
byte 0
Message
Header
Ram Address
Nbytes*
Status*
1900h
197Fh
Free Space
Free Space
<- Read Pointer
after packet reception
Nbytes*
Status*
CRC (4)
byte m
byte 0
Message
Header
CRC (4)
byte n
Ram Address
1900h
197Fh
Free Space
Free Space
<- Read Pointer
during packet read
Nbytes*
Status*
CRC (4)
byte m
byte 0
Message
Header
*assuming SMBus mode = 0
Ram Address
1900h
197Fh
Free Space
Free Space
<- Read Pointer
after 1
st packet read
Nbytes*
Status*
Ram Address
1900h
197Fh
Free Space
after 2
st packet read
<- Write Head Pointer,
Write Current Pointer
<- Write Head Pointer,
Write Current Pointer
<- Write Head Pointer,
Write Current Pointer,
Read Pointer
<- Write Head Pointer,
Write Current Pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com