Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 124 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 124 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 120Page - Microchip Technology UPD360 Datasheet HTML 121Page - Microchip Technology UPD360 Datasheet HTML 122Page - Microchip Technology UPD360 Datasheet HTML 123Page - Microchip Technology UPD360 Datasheet HTML 124Page - Microchip Technology UPD360 Datasheet HTML 125Page - Microchip Technology UPD360 Datasheet HTML 126Page - Microchip Technology UPD360 Datasheet HTML 127Page - Microchip Technology UPD360 Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 221 page
background image
UPD360
DS00002084C-page 124
 2016-2017 Microchip Technology Inc.
All pointers and status bits are readable by the software. All pointers and wrap around status bits are writable by the
software. Software is responsible for maintaining coherency between the pointer and the wrap toggle values.
The FIFO pointers can be reset by setting and clearing the RST_RECEIVER bit in the RX Control Register A (RX_CT-
L_A).
Each entry in the RX FIFO represents a byte of received data. Data written to the FIFO is the header, the payload, and
the CRC32. As stated earlier, only 5b symbols that correspond to valid D-codes are processed and written to the RX
Queue. K-Codes cannot be passed to the RX Queue, i.e., there is no “Raw Mode” receive capability. Software will see
de-framed packets only.
As mentioned earlier, the data in FIFO is the actual data and not symbols so it can be processed by software directly.
Corrupted packets are not written to the Queue.
11.2.2
RX CONTROL
RX Control implements the logic necessary for validating a received packet, updating the RX Queue status, and trigger-
ing automatic responses, if required.
11.2.2.1
Duplicate Packet Detection
For duplicate packet detection, the device maintains the last message ID received per SOP type. A flag (first_msg) is
maintained per SOP type and indicates if the stored last message ID is valid (there has been a previous packet). This
information is used when a good packet is received to detect if the message ID matches the last one received for that
SOP type.
The device stores the current message ID into the appropriate last message ID (as selected by the SOP of the current
received packet). The message ID and flag for a specified SOP type can be reset via the RX Message ID Stored Reg-
ister (RX_MSG_ID_STORED). All bits are cleared when software issues a SW_RESET or PD_RESET via the Reset
Control Register (RESET_CTL).
11.2.2.2
RX Control of Transmit Abort
Although the actual aborting of pending transmission is done by the Transmit Control block, it is the RX Control block
that makes the decision.
For pending transmissions (transmission triggered but waiting for bus idle or the bus turnaround time), the RX control
block generates a pulse at the EOP. It checks 1) that the packet is a good packet (good CRC, proper nibble alignment
and no symbol errors), 2) that the packet is not a Ping or GoodCRC message, 3a) that the SOP type of the received
packet matches the SOP type of the pending transmission or 3b) the SOP type of the received packet is SOP with the
SOP type of pending transmission being non-SOP (the latter can be disabled via the DIS_SOP_ABRTS_NON_SOP bit
in the TX Control Register A (TX_CTL_A)) and 4) that the packet is not a duplicate or is a Soft-Reset message.
For completed transmissions that are waiting for a GoodCRC to be returned, the RX Control checks 1) that the packet
is a good packet (good CRC, proper nibble alignment and no symbol errors), 2) that the packet is a Soft-Reset or is not
a GoodCRC message, 3a) that the SOP type of the received packet matches the SOP type of the pending transmission
or 3b) the SOP type of the received packet is SOP with the SOP type of pending transmission being non-SOP (the latter
can be disabled via the DIS_SOP_ABRTS_NON_SOP bit in the TX Control Register A (TX_CTL_A)) and 4) that the
packet is not a duplicate.
11.2.3
RX COMM
The RX Comm is comprised of the clock and data recovery (CDR), RX DES (de-serializer) (serial-to-parallel converter,
4b5b decoder, and framing detector), RX CRC32 (CRC calculator, receive timer), and other logic to detect valid packet
reception.
11.2.3.1
CDR
The BMC decodes the received data and outputs the bit stream signal. This signal is applied to the input of CDR module
which locks (period and phase) on to the data stream during the preamble phase and outputs the serial data and a cap-
ture strobe centered in the data window.
The CDR relies on edge-to-edge time measurement (two bit-times) during the preamble phase for period lock. An aver-
age of four successive good period measurements is used for period lock. Valid period measurement is determined by
the range specified by the RX Maximum Bit-Rate Bit Period Count Register (RX_BIT_PER_CNT_MAX_BR) and RX
Minimum Bit-Rate Bit Period Count Register (RX_BIT_PER_CNT_MIN_BR). Phase lock is achieved by comparing in-
phase and quadrature data samples to determine whether the phase needs to be advanced or retarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com